Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7MZ4052FK Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC7MZ4052FK
Description  8-Channel Analog Multiplexer/Demultiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MZ4052FK Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC7MZ4052FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MZ4052FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MZ4052FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MZ4052FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MZ4052FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MZ4052FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MZ4052FK Datasheet HTML 9Page - Toshiba Semiconductor TC7MZ4052FK Datasheet HTML 10Page - Toshiba Semiconductor TC7MZ4052FK Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TC7MZ4051,4052,4053FK
2007-10-19
8
AC Test Circuit
CIOS
C
VCC
I/O
O/I
VEE
GND
(Common pin)
VCC
(Switch pin)
Figure 2 CIOS, CIS, COS
VIN
C
VCC
I/O
O/I
VEE GND
0.1
μF
VCC
Figure 3 Frequency Response (switch on)
Figure 4 Feedthrough
VIN
C
VCC
I/O
O/I
VEE GND
0.1
μF
VCC
Figure 1 tpLZ, tpHZ, tpZL, tpZH
3 ns
90%
10%
50%
3 ns
VCC
GND
VC
50%
VOH
VOL
50%
tpZH
90%
10%
tpHZ
tpLZ
tpZL
VOH
VOL
VO/I
(S1 = VCC, S2 = GND)
VO/I
(S1 = GND, S2 = VCC)
VCC
C
VCC
I/O
O/I
S2
S1
VEE GND
from
P.G
1 k
Ω


Similar Part No. - TC7MZ4052FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4052FK TOSHIBA-TC7MZ4052FK Datasheet
161Kb / 11P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC7MZ4052FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com