Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7MZ541FK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7MZ541FK
Description  Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MZ541FK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7MZ541FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MZ541FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MZ541FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MZ541FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MZ541FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MZ541FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MZ541FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7MZ541FK
2007-10-19
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
Inputs
1
OE
2
OE
An
Outputs
H
X
X
Z
X
H
X
Z
L
L
H
H
L
L
L
L
X: Don’t care
Z: High impedance
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5~7.0
V
DC input voltage
VIN
−0.5~7.0
V
−0.5~7.0
(Note 2)
DC output voltage
VOUT
−0.5~VCC + 0.5 (Note 3)
V
Input diode current
IIK
−50
mA
Output diode current
IOK
±50
(Note 4)
mA
DC output current
IOUT
±50
mA
Power dissipation
PD
180
mW
DC VCC/ground current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65~150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: Output in off-state
Note 3: High or low state. IOUT absolute maximum rating must be observed.
Note 4: VOUT < GND, VOUT > VCC
VCC
20
2
OE
19
18
17
16
15
14
1
OE
1
2
3
4
5
6
7
A1
A2
A3
A4
A5
A6
8
9
10
A7
A8
GND
13
12
11
Y8
Y1
Y2
Y3
Y4
Y5
Y6
Y7
2
OE
(19)
(2)
(4)
(3)
A8
A2
A1
(6)
(5)
(8)
(7)
(9)
A3
A6
A5
A7
(18)
(16)
(14)
(12)
Y8
Y2
Y4
Y6
(17)
(15)
(13)
Y1
Y3
Y5
EN
(11)
Y7
A4
1
OE
&
(1)


Similar Part No. - TC7MZ541FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ541FK TOSHIBA-TC7MZ541FK Datasheet
240Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC7MZ541FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCXZ240FT TOSHIBA-TC74LCXZ240FT Datasheet
238Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC74LCXZ244FT TOSHIBA-TC74LCXZ244FT Datasheet
228Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC74LCX541F TOSHIBA-TC74LCX541F_07 Datasheet
245Kb / 10P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX244F TOSHIBA-TC74LCX244F_10 Datasheet
225Kb / 11P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCXZA240FT TOSHIBA-TC74LCXZA240FT Datasheet
233Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2014-03-01
TC74LCXZA244FT TOSHIBA-TC74LCXZA244FT Datasheet
227Kb / 9P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
2011-05-24
TC74LCX541F TOSHIBA-TC74LCX541F_11 Datasheet
237Kb / 11P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC7MZ244FK TOSHIBA-TC7MZ244FK_07 Datasheet
184Kb / 7P
   Low Voltage Octal Bus Buffer with 5 V Tolerant Inputs and Outputs
TC74LCX244F TOSHIBA-TC74LCX244F_07 Datasheet
242Kb / 9P
   Low-Voltage Octal Bus Buffer with 5-V Tolerant Inputs and Outputs
TC7MZ540FK TOSHIBA-TC7MZ540FK_07 Datasheet
186Kb / 7P
   Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com