Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7MZ373FK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7MZ373FK
Description  Low-Voltage Octal D-Type Latch with 5 V Tolerant Inputs and Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MZ373FK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7MZ373FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MZ373FK Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TC7MZ373FK
2007-10-19
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
Inputs
OE
LE
D
Outputs
H
X
X
Z
L
L
X
Qn
L
H
L
L
L
H
H
H
X: Don’t care
Z: High impedance
Qn: Q outputs are latched at the time when the LE inputs is taken to a low logic level.
System Diagram
VCC
20
Q7
D7
D6
Q6
Q5
19
18
17
16
15
14
OE
1
2
3
4
5
6
7
Q0
D0
D1
Q1
Q2
D2
D5
8
9
10
D3
Q3
GND
13
12
11
D4
Q4
LE
1
11
3
4
7
8
13
14
17
18
2
5
6
9
12
15
16
19
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
EN
1D
C1
OE
LE
D0
D1
D2
D3
D4
D5
D6
D7
LE
OE
Q1
1
11
3
2
Q2
4
5
Q3
7
6
Q4
8
9
Q5
13
12
Q6
14
15
Q7
17
16
L
Q
D
L
Q
D
L
Q
D
L
Q
D
L
Q
D
L
Q
D
L
Q
D
D1
D2
D3
D4
D5
D6
D7
18
19
L
Q
D
Q0
D0


Similar Part No. - TC7MZ373FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ373FK TOSHIBA-TC7MZ373FK Datasheet
252Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC7MZ373FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ573FK TOSHIBA-TC7MZ573FK_07 Datasheet
192Kb / 8P
   Low Voltage Octal D-Type Latch with 5 V Tolerant Inputs and Outputs
TC74LCX373F TOSHIBA-TC74LCX373F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX573F TOSHIBA-TC74LCX573F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX373F TOSHIBA-TC74LCX373F_10 Datasheet
236Kb / 11P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX573F TOSHIBA-TC74LCX573F_10 Datasheet
236Kb / 11P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC7MA2373FK TOSHIBA-TC7MA2373FK_07 Datasheet
229Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2373FT TOSHIBA-TC74VCX2373FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA573FK TOSHIBA-TC7MA573FK Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX373FT TOSHIBA-TC74VCX373FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX573FT TOSHIBA-TC74VCX573FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com