Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7MPH3125FK Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7MPH3125FK
Description  Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MPH3125FK Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7MPH3125FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MPH3125FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MPH3125FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MPH3125FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MPH3125FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MPH3125FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MPH3125FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MPH3125FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MPH3125FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TC7MPH3125FK/FTG
2007-10-19
1
TOSHIBA Digital Integrated Circuit Silicon Monolithic
TC7MPH3125FK,TC7MPH3125FTG
Low Voltage/Low Power 2-Bit
× 2 Dual Supply Bus Transceiver with Bushold
The TC7MPH3125FK/FTG is a dual supply, advanced
high-speed CMOS 4-bit dual supply voltage interface bus
transceiver fabricated with silicon gate CMOS technology.
Designed for use as an interface between a 1.2-V, 1.5-V, 1.8-V,
or 2.5-V bus and a 1.8-V, 2.5-V or 3.6-V bus in mixed 1.2-V, 1.5-V,
1.8-V or 2.5-V/1.8-V, 2.5-V or 3.6-V supply systems.
The A-port interfaces with the 1.2-V, 1.5-V, 1.8-V or 2.5-V bus,
the B-port with the 1.8-V, 2.5-V, 3.3-V bus.
The direction of data transmission is determined by the level of
the DIR input. The enable input (OE) can be used to disable the
device so that the buses are effectively isolated. The bus of a B
bus side at floating state is maintained in an appropriate logic
level due to a bushold circuit to a B bus. Moreover, the bushold
circuit which is added to a B bus is off when OE is low.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• Bidirectional interface between 1.2-V and 1.8-V, 1.2-V and
2.5-V, 1.2-V and 3.3-V, 1.5-V and 2.5-V, 1.5-V and 3.3-V, 1.8-V
and 2.5-V, 1.8-V and 3.3-V or 2.5-V and 3.3-V buses.
• High-speed operation: tpd = 6.8 ns (max) (VCCA = 2.5 ± 0.2 V,
VCCB = 3.3 ± 0.3 V)
tpd = 8.9 ns (max) (VCCA = 1.8 ± 0.15 V, VCCB = 3.3 ± 0.3 V)
tpd = 10.3 ns (max) (VCCA = 1.5 ± 0.1 V, VCCB = 3.3 ± 0.3 V)
tpd = 61 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 3.3 ± 0.3 V)
tpd = 9.5 ns (max) (VCCA = 1.8 ± 0.15 V, VCCB = 2.5 ± 0.2 V)
tpd = 10.8 ns (max) (VCCA = 1.5 ± 0.15 V, VCCB = 2.5 ± 0.2 V)
tpd = 60 ns (max) (VCCA = 1.2 ± 0.15 V, VCCB = 2.5 ± 0.2 V)
tpd = 58 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 1.8 ± 0.15 V)
• Output current: IOH/IOL = ±12 mA (min) (VCC = 3.0 V)
IOH/IOL = ±9mA (min) (VCC = 2.3 V)
IOH/IOL = ±3 mA (min) (VCC = 1.65 V)
IOH/IOL = ±1mA (min) (VCC = 1.4 V)
• Latch-up performance: ±300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Ultra-small package: VSSOP (US16), VQON16
• Bushold circuit is build in only the B bus side. (Only in OE = “H”, a former state is maintained.)
• Low current consumption: Using the new circuit significantly reduces current consumption when OE = “H”.
Suitable for battery-driven applications such as PDAs and cellular phones.
• Floating A-bus and B-bus are permitted. (when OE = “H”)
• 3.6-V tolerant function provided on A-bus terminal, DIR and OE terminal.
Note 1: Do not apply a signal to any bus pins when it is in the output mode. Damage may result.
Note: When mounting VQON package, the type of recommended flux is RA or RMA.
TC7MP3125FK
TC7MP3125FTG
Weight
VSSOP16-P-0030-0.50: 0.02 g (typ.)
VQON16-P-0303-0.50: 0.013 g (typ.)


Similar Part No. - TC7MPH3125FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MPH3245FTG TOSHIBA-TC7MPH3245FTG Datasheet
318Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
More results

Similar Description - TC7MPH3125FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MPH3245FTG TOSHIBA-TC7MPH3245FTG Datasheet
318Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver with Bushold
TC7MP3125FK TOSHIBA-TC7MP3125FK Datasheet
332Kb / 23P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPN3125FTG TOSHIBA-TC7MPN3125FTG Datasheet
307Kb / 22P
   Low Voltage/Low Power 2-Bit 횞 2 Dual Supply Bus Transceiver
TC7MP3245FTG TOSHIBA-TC7MP3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC7MPN3245FTG TOSHIBA-TC7MPN3245FTG Datasheet
294Kb / 22P
   Low Voltage/Low Power 4-Bit 횞 2 Dual Supply Bus Transceiver
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
165Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT_07 Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16245FT TOSHIBA-TC74VCXH16245FT Datasheet
190Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC74VCXH16652FT TOSHIBA-TC74VCXH16652FT Datasheet
238Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com