Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7MBL3245BFT Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC7MBL3245BFT
Description  Octal Low Voltage Bus Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MBL3245BFT Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7MBL3245BFT Datasheet HTML 1Page - Toshiba Semiconductor TC7MBL3245BFT Datasheet HTML 2Page - Toshiba Semiconductor TC7MBL3245BFT Datasheet HTML 3Page - Toshiba Semiconductor TC7MBL3245BFT Datasheet HTML 4Page - Toshiba Semiconductor TC7MBL3245BFT Datasheet HTML 5Page - Toshiba Semiconductor TC7MBL3245BFT Datasheet HTML 6Page - Toshiba Semiconductor TC7MBL3245BFT Datasheet HTML 7Page - Toshiba Semiconductor TC7MBL3245BFT Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC7MBL3245BFT/FK
2007-10-19
5
Rise and Fall Times (tr / tf) of the TC7MBL3245B I/O Signals
The tr(out) and tf(out) values of the output signals are affected by the CR time constant of the input, which consists of
the switch terminal capacitance (CI/O) and the on-resistance (RON) of the input.
In practice, the tr(out) and tf(out) values are also affected by the circuit’s capacitance and resistance components other
than those of the TC7MBL3245B.
The tr / tf (out) values can be approximated as follows. (Figure 4 shows the test circuit.)
tr / tf out (approx) = - ( CI/O + CL ) ・ (RDRIVE+ RON) ・ ln ( ( ( VOH – VOL ) – VM) / ( VOH – VOL ) )
where, RDRIVE is the output impedance of the previous-stage circuit.
Calculation example:
tr out (approx) = - ( 19+ 15 )E-12 ・ ( 120 + 4) ・ ln ( ( ( 3.0 - 0 ) – 1.5 ) / ( 3.0 – 0 ) )
≈ 3.0ns
Calculation conditions:
VCC = 3.0V , CL = 15pF , RDRIVE = 120Ω(output impedance of the previous IC), VM = 1.5V(VCC / 2)
Output of the previous IC = digital (i.e., high-level voltage = VCC; low-level voltage = GND)
VCC
Parameter
3.3 ± 0.3 V
2.5 ± 0.2 V
1.8 ± 0.15 V
VM
VCC / 2
VCC / 2
VCC / 2
Figure 3 Test Circuit
Measure
An/Bn
CI/O
(Switch On)
TC7MBL3245B
RDRIVE
Previous IC
Bn/An
RDRIVE = output impedance of the previous IC
RON
VOL
VOH
VM
tr out
VM
Measure
RDRIVE
Previous IC
RDRIVE = output impedance of the previous IC
VCC
GND
Waveform generated without the TC7MBL3245B
tf out
Waveform generated with the TC7MBL3245B added


Similar Part No. - TC7MBL3245BFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MBL3245AFK TOSHIBA-TC7MBL3245AFK Datasheet
167Kb / 6P
   Octal Bus Switch
TC7MBL3245AFK TOSHIBA-TC7MBL3245AFK Datasheet
184Kb / 7P
   Octal Low Voltage Bus Switch
TC7MBL3245AFT TOSHIBA-TC7MBL3245AFT Datasheet
184Kb / 7P
   Octal Low Voltage Bus Switch
TC7MBL3245CFK TOSHIBA-TC7MBL3245CFK Datasheet
252Kb / 12P
   Low Voltage/Low Capacitance Octal Bus Switch
TC7MBL3245CFT TOSHIBA-TC7MBL3245CFT Datasheet
252Kb / 12P
   Low Voltage/Low Capacitance Octal Bus Switch
More results

Similar Description - TC7MBL3245BFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74CBTLV3245 IDT-IDT74CBTLV3245 Datasheet
140Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244_14 Datasheet
97Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3245 IDT-IDT74CBTLV3245_14 Datasheet
95Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244 Datasheet
136Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3245 RENESAS-74CBTLV3245 Datasheet
264Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Toshiba Semiconductor
TC7MBL3244AFT TOSHIBA-TC7MBL3244AFT Datasheet
185Kb / 7P
   Octal Low Voltage Bus Switch
TC7MBL3245AFT TOSHIBA-TC7MBL3245AFT Datasheet
184Kb / 7P
   Octal Low Voltage Bus Switch
logo
Renesas Technology Corp
74CBTLV3244 RENESAS-74CBTLV3244 Datasheet
263Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Texas Instruments
SN74CBTLV3245A TI-SN74CBTLV3245A_10 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245 TI-SN74CBTLV3245 Datasheet
79Kb / 6P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com