Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7MBL3245AFK Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7MBL3245AFK
Description  Octal Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MBL3245AFK Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7MBL3245AFK Datasheet HTML 1Page - Toshiba Semiconductor TC7MBL3245AFK Datasheet HTML 2Page - Toshiba Semiconductor TC7MBL3245AFK Datasheet HTML 3Page - Toshiba Semiconductor TC7MBL3245AFK Datasheet HTML 4Page - Toshiba Semiconductor TC7MBL3245AFK Datasheet HTML 5Page - Toshiba Semiconductor TC7MBL3245AFK Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC7MBL3245AFK
2007-10-19
3
Electrical Characteristics
DC Characteristics (Ta = −40 to 85°C)
Characteristic
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Unit
High-level control input voltage
VIH
2.0 to 3.6
0.7
×
VCC
Low-level control input voltage
VIL
2.0 to 3.6
0.3
×
VCC
V
Control input current
IIN
VIN = 0 to 3.6 V
2.0 to 3.6
±1.0
μA
Power off leakage current
IOFF
OE
= 0 to 3.6 V
0
±1.0
μA
Off-stage leakage current
(switch off)
ISZ
A, B
= 0 to VCC, OE = VCC
2.0 to 3.6
±1.0
μA
VIS = 0 V, IIS = 30 mA
(Note 1)
3.0
2
7
VIS = 3.0 V, IIS = 30 mA
(Note 1)
3.0
3
9
VIS = 2.4 V, IIS = 15 mA
(Note 1)
3.0
5
20
VIS = 0 V, IIS = 24 mA
(Note 1)
2.3
3
10
Switch ON-resistance
(Note 2)
RON
VIS = 2.3 V, IIS = 24 mA
(Note 1)
2.3
4
15
Ω
Quiescent supply current
ICC
VIN = VCC or GND, IOUT = 0
3.6
10
μA
Note 1: All typical values are at Ta
= 25°C.
Note 2: Measured by voltage drop between A and B pins at indicated current through the switch. ON-resistance is
determined by the lower of the voltages on the two pins (A or B).
AC Characteristics (Ta = −40 to 85°C)
Characteristic
Symbol
Test Condition
VCC (V)
Min
Max
Unit
3.3
± 0.3
0.31
Propagation delay (bus to bus)
tpLH
tpHL
Figure 1, Figure 2
(Note)
2.5
± 0.2
0.52
ns
3.3
± 0.3
6.5
Output enable time
tpZL
tpZH
Figure 1, Figure 3
2.5
± 0.2
8
ns
3.3
± 0.3
6.5
Output disable time
tpLZ
tpHZ
Figure 1, Figure 3
2.5
± 0.2
8
ns
Note:
This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay
other than the RC delay of the typical ON-resistance of the switch and the 50 pF load capacitance when
driven by an ideal voltage from the source (zero output impedance).
Capacitance (Ta = 25°C)
Characteristic
Symbol
Test Condition
VCC (V)
Typ.
Unit
Control input capacitance
CIN
3.0
3
pF
Switch terminal capacitance
CI/O
OE
= VCC
3.0
17
pF
Note :
This parameter is guaranteed by design.


Similar Part No. - TC7MBL3245AFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MBL3245AFK TOSHIBA-TC7MBL3245AFK Datasheet
184Kb / 7P
   Octal Low Voltage Bus Switch
More results

Similar Description - TC7MBL3245AFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
   Octal bus switch
logo
Toshiba Semiconductor
TC7MBD3244FK TOSHIBA-TC7MBD3244FK Datasheet
226Kb / 7P
   OCTAL BUS SWITCH
TC7MBD3245FK TOSHIBA-TC7MBD3245FK Datasheet
220Kb / 7P
   OCTAL BUS SWITCH
logo
Fairchild Semiconductor
FST3244 FAIRCHILD-FST3244 Datasheet
111Kb / 5P
   Octal Bus Switch
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
   Octal Bus Switch
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
   OCTAL BUS SWITCH
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
   Octal bus switch
Rev. 3-5 January 2012
CBT3245A PHILIPS-CBT3245A Datasheet
123Kb / 12P
   Octal bus switch
2003 Jun 27
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com