Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7MA2374FK Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC7MA2374FK
Description  Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MA2374FK Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC7MA2374FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MA2374FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MA2374FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MA2374FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MA2374FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MA2374FK_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7MA2374FK_07 Datasheet HTML 8Page - Toshiba Semiconductor TC7MA2374FK_07 Datasheet HTML 9Page - Toshiba Semiconductor TC7MA2374FK_07 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TC7MA2374FK
2007-10-19
6
AC Characteristics (Ta = −40~85°C, Input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 Ω)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
100
2.5
± 0.2
200
Maximum clock frequency
fmax
Figure 1, Figure 2
3.3
± 0.3
250
MHz
1.8
1.5
9.8
2.5
± 0.2
0.8
6.2
Propagation delay time (CK-Q)
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
0.6
5.1
ns
1.8
1.5
9.8
2.5
± 0.2
0.8
6.5
3-state output enable time
tpZL
tpZH
Figure 1, Figure 3
3.3
± 0.3
0.6
5.0
ns
1.8
1.5
7.7
2.5
± 0.2
0.8
4.3
3-state output disable time
tpLZ
tpHZ
Figure 1, Figure 3
3.3
± 0.3
0.6
3.9
ns
1.8
4.0
2.5
± 0.2
1.5
Minimum pulse width (CK)
tw (H)
tw (L)
Figure 1, Figure 2
3.3
± 0.3
1.5
ns
1.8
2.5
2.5
± 0.2
1.5
Minimum set-up time
ts
Figure 1, Figure 2
3.3
± 0.3
1.5
ns
1.8
1.0
2.5
± 0.2
1.0
Minimum hold time
th
Figure 1, Figure 2
3.3
± 0.3
1.0
ns
1.8
0.5
2.5
± 0.2
0.5
Output to output skew
tosLH
tosHL
(Note)
3.3
± 0.3
0.5
ns
For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Note: This parameter is guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)


Similar Part No. - TC7MA2374FK_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MA2374FK TOSHIBA-TC7MA2374FK Datasheet
333Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC7MA2374FK_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MA374FK TOSHIBA-TC7MA374FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA2574FK TOSHIBA-TC7MA2574FK Datasheet
218Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX374FT TOSHIBA-TC74VCX374FT_07 Datasheet
271Kb / 13P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA574FK TOSHIBA-TC7MA574FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX374FT TOSHIBA-TC74VCX374FT_V01 Datasheet
273Kb / 15P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
2010-09-17
TC74VCX2374FT TOSHIBA-TC74VCX2374FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX2574FT TOSHIBA-TC74VCX2574FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX574FT TOSHIBA-TC74VCX574FT_07 Datasheet
271Kb / 13P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX74FT TOSHIBA-TC74VCX74FT_07 Datasheet
262Kb / 11P
   Low-Voltage Dual D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16721FT TOSHIBA-TC74VCX16721FT Datasheet
217Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com