Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC7MA374FK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TC7MA374FK
Description  Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MA374FK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7MA374FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MA374FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MA374FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MA374FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MA374FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MA374FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MA374FK_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7MA374FK_07 Datasheet HTML 8Page - Toshiba Semiconductor TC7MA374FK_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC7MA374FK
2007-10-19
2
Pin Assignment (top view)
IEC Logic Level
Truth Table
Inputs
OE
CK
D
Outputs
H
X
X
Z
L
X
Qn
L
L
L
L
H
H
X: Don’t care
Z: High impedance
Qn: No change
Sysem Diagram
VCC
20
Q7
D7
D6
Q6
Q5
19
18
17
16
15
14
OE
1
2
3
4
5
6
7
Q0
D0
D1
Q1
Q2
D2
D5
8
9
10
D3
Q3
GND
13
12
11
D4
Q4
CK
1
11
3
4
7
8
13
14
17
18
2
5
6
9
12
15
16
19
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
EN
1D
C1
OE
CK
D0
D1
D2
D3
D4
D5
D6
D7
CK
OE
Q1
1
11
3
2
Q2
4
5
Q3
7
6
Q4
8
9
Q5
13
12
Q6
14
15
Q7
17
16
CK
Q
D
CK
Q
D
CK
Q
D
CK
Q
D
CK
Q
D
CK
Q
D
CK
Q
D
D1
D2
D3
D4
D5
D6
D7
18
19
CK
Q
D
Q0
D0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn