Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC7MA374FK Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TC7MA374FK
Description  Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MA374FK Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7MA374FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MA374FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MA374FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MA374FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MA374FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MA374FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MA374FK_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7MA374FK_07 Datasheet HTML 8Page - Toshiba Semiconductor TC7MA374FK_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TC7MA374FK
2007-10-19
5
DC Characteristics (Ta = −40~85°C, 1.65 V <= VCC< 2.3 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
1.65~2.3
0.65
×
VCC
Input voltage
Low level
VIL
1.65~2.3
0.2
×
VCC
V
IOH = −100 μA
1.65~2.3
VCC
0.2
High level
VOH
VIN = VIH or VIL
IOH = −6 mA
1.65
1.25
IOL = 100 μA
1.65~2.3
0.2
Output voltage
Low level
VOL
VIN = VIH or VIL
IOL = 6 mA
1.65
0.3
V
Input leakage current
IIN
VIN = 0~3.6 V
1.65~2.3
±5.0
μA
3-state output off-state current
IOZ
VIN = VIH or VIL
VOUT = 0~3.6 V
1.65~2.3
±10.0
μA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
10.0
μA
VIN = VCC or GND
1.65~2.3
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
1.65~2.3
±20.0
μA
DC Characteristics (Ta = −40~85°C, 1.4 V <= VCC<1.65 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
1.4~1.65
0.65
×
VCC
Input voltage
Low level
VIL
1.4~1.65
0.05
×
VCC
V
IOH = −100 μA
1.4~1.65
VCC
0.2
High level
VOH
VIN = VIH or VIL
IOH = −2 mA
1.4
1.05
IOL = 100 μA
1.4~1.65
0.05
Output voltage
Low level
VOL
VIN = VIH or VIL
IOL = 2 mA
1.4
0.35
V
Input leakage current
IIN
VIN = 0~3.6 V
1.4~1.65
±5.0
μA
3-state output off-state current
IOZ
VIN = VIH or VIL
VOUT = 0~3.6 V
1.4~1.65
±10.0
μA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
10.0
μA
VIN = VCC or GND
1.4~1.65
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
1.4~1.65
±20.0
μA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn