Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QRS1240T30 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part No. QRS1240T30
Description  Fast Recovery Diode Module (400 Amp/1200 Volts)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QRS1240T30 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  QRS1240T30 Datasheet HTML 1Page - Powerex Power Semiconductors QRS1240T30 Datasheet HTML 2Page - Powerex Power Semiconductors QRS1240T30 Datasheet HTML 3Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Preliminary
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Fast Recovery Diode Module
400 Amp/1200 Volts
QRS1240T30
400 Amp/1200 Volts
Description:
Powerex Fast Recovery Diode
Modules are designed for use in
applications requiring fast switching.
The modules are isolated for easy
mounting with other components on a
common heatsink.
Features:
Fast Recovery Time
Isolated Mounting
Metal Baseplate
Low Thermal Impedance
3000 V isolating voltage
Applications:
Switching Power Supplies
Inverters
Choppers
Welding Power Supplies
Free Wheeling Diode
High Frequency Rectifiers
QRS1240T30
Fast Recovery Diode Module
400 Amperes / 1200 Volts
Dimensions
Inches
Millimeters
A
3.70
94
B
1.34
34
C
1.18
30
D
3.15
80
E
0.67
17
F
0.28
6.99
G
0.67
17.1
H
0.91
23
J
0.91
23
K
M6X1.0
M6X1.0
QRS
1


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
QR0640T30 Fast Recovery Diode Module 400 Amp/600 Volts 1  2  3  Powerex Power Semiconductors
QRS0640T30 Fast Recovery Diode Module 400 Amp/600 Volts 1  2  3  Powerex Power Semiconductors
QRS1440T30 Fast Recovery Diode Module 400 Amp/1400 Volts 1  2  3  Powerex Power Semiconductors
RM400HA-24S Super Fast Recovery Single Diode Module 400 Amperes/1200 Volts 1  2  3  4  Powerex Power Semiconductors
RM400HA-34S Super Fast Recovery Single Diode Module 400 Amperes/1700 Volts 1  2  3  4  Powerex Power Semiconductors
CS640525 Fast Recovery Single Diode Module 250 Amperes/500 Volts 1  2  Powerex Power Semiconductors
QR1210T30 Fast Recovery Diode Module 100 Amp/1200 Volts 1  2  3  Powerex Power Semiconductors
CS641230 Fast Recovery Single Diode Module 300 Amperes/1200 Volts 1  2  3  4  Powerex Power Semiconductors
QR1220T30 Fast Recovery Diode Module 200 Amp/1200 Volts 1  2  3  Powerex Power Semiconductors
QR1230T30 Fast Recovery Diode Module 300 Amp/1200 Volts 1  2  3  Powerex Power Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn