Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB62705CP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TB62705CP
Description  8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62705CP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TB62705CP_06 Datasheet HTML 1Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 2Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 3Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 4Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 5Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 6Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 7Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 8Page - Toshiba Semiconductor TB62705CP_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TB62705CP/CF/CFN
2006-06-13
1
TOSHIBA Bi−CMOS INTEGRATED CIRCUIT SILICON MONOLITHIC
TB62705CP,TB62705CF,TB62705CFN
8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
The TB62705CP / CF / CFN are specifically designed for LED and
LED DISPLAY constant-current drivers.
These constant-current output circuits can support the set-up of
an external resistor (IOUT = 5~90mA).
This IC is a monolithic integrated circuit designed to be used
together with Bi-CMOS process.
The devices consist of an 8-bit shift register, latch, AND-GATE
and constant-current drivers.
FEATURES
Constant-current Output
: current with one resistor for
5 to 90mA.
Maximum Clock Frequency : fCLK = 15 (MHz)
(Cascade Connecte Operate,
Topr = 25°C)
5V C−MOS Compatible Input
Package
: DIP16−P−300−2.54A (TB62705CP)
SSOP16−P−225−1.00A (TB62705CF)
SSOP16−P−225−0.65B (TB62705CFN)
Constant Output Current Matching:
OUTPUT-GND
VOLTAGE
CURRENT
MATCHING
OUTPUT
CURRENT
≥ 0.4 V
±6.0%
5~40 mA
≥ 0.7 V
±6.0%
5~90 mA
PIN CONNECTION (Top view)
TB62705CP
TB62705CF
TB62705CFN
Weight
DIP16-P-300-2.54A: 1.11 g (typ.)
SSOP16-P-225-1.00A: 0.14 g (typ.)
SSOP16-P-225-0.65B: 0.07 g (typ.)
16
15
14
13
12
11
10
GND
1
2
3
4
5
6
7
SERIAL-IN
CLOCK
OUTn
9
8
ENABLE
LATCH
OUTn
OUTn
OUTn
OUTn
OUTn
OUTn
OUTn
SERIAL-OUT
R-EXT
VDD


Similar Part No. - TB62705CP_06

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62705CPG MARKTECH-TB62705CPG Datasheet
1,002Kb / 15P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62705CPG TOSHIBA-TB62705CPG Datasheet
1Mb / 16P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
TB62705CPG TOSHIBA-TB62705CPG_09 Datasheet
1Mb / 16P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
More results

Similar Description - TB62705CP_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62705CPG TOSHIBA-TB62705CPG_09 Datasheet
1Mb / 16P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
TB62715FN TOSHIBA-TB62715FN Datasheet
424Kb / 11P
   8 BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62705CPG MARKTECH-TB62705CPG Datasheet
1,002Kb / 15P
   8-BIT SHIFT REGISTER, LATCHES & CONSTANT-CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62716F TOSHIBA-TB62716F Datasheet
455Kb / 12P
   16 BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62706BN TOSHIBA-TB62706BN_06 Datasheet
479Kb / 16P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62706BNG MARKTECH-TB62706BNG_09 Datasheet
1Mb / 15P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62705CP TOSHIBA-TB62705CP Datasheet
494Kb / 14P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
TB62706BN TOSHIBA-TB62706BN Datasheet
467Kb / 13P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Marktech Corporate
TB62706BNG MARKTECH-TB62706BNG Datasheet
885Kb / 14P
   16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT DRIVERS
logo
Toshiba Semiconductor
TB62710P TOSHIBA-TB62710P Datasheet
401Kb / 10P
   8BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT SOURCE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com