Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T5L1.2F Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # T5L1.2F
Description  Step-down DC-DC Converter IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T5L1.2F Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button T5L1.2F Datasheet HTML 7Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 8Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 9Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 10Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 11Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 12Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 13Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 14Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TB7101F(T5L1.2,F) , TB7101F(T5L1.5,F)
TB7101F(T5L1.8,F) , TB7101F(T5L2.5,F)
TB7101F(T5L3.3,F)
2007-09-06
11
H
V
V
mA
MHz
V
V
V
V
I
f
V
V
L
IN
OUT
L
OSC
OUT
IN
μ
7
.
3
5
3
.
3
300
1
3
.
3
5
=
=
Δ
=
Figure 2: Inductor current waveform
Output capacitor
The capacitance of the output ceramic capacitor is greatly affected by temperature. Select a product whose
temperature characteristics (such as B-characteristic) are excellent. The capacitance value should be to more than 10
μF,
and set to an optimum value by, for example, enlarging the output capacitor when there is instability under use
conditions ,or when there is a large ripple voltage or drop in output voltage under heavy loads. Ceramic capacitors can
be used to achieve low output ripple, though it is more difficult to achieve phase compensation with ceramic capacitors
because the equivalent series resistance (ESR) of ceramic capacitors is lower. For this reason, perform a careful
evaluation when using ceramic capacitors.
Precautions
• Please select parts after confirming the actual operation in the customer set and considering the input voltage the
output voltage, the output current, the temperature, the characteristics or the kind of capacitor, and the inductor.
• If the voltage between the input and output is low, the influence of the on-state voltage of the switch power
MOSFET is greater, causing the voltage across the inductor to decrease. For this reason, it may become
impossible for the required inductor current to flow, resulting in lower performance or unstable operation of the
DC-DC converter. As a rough standard, keep the input-output voltage potential difference at or above 1 V, taking
the on-state voltage of the power MOSFET into consideration.
• The lowest output voltage that can be set is 0.8 V (typ.).
• There is an antistatic diode between the ENB and VIN pins. The voltage between the ENB and VIN pins should
satisfy the rating VENB - VIN < 0.3 V
• If operation becomes unstable due to switching noise under a heavy load, please mount a by-pass capacitor Ccc
between the SGND pin and the VIN pin.
OSC
f
1
T
=
IN
OUT
ON
V
V
T
T
=
0
Δ
IL
IL


Similar Description - T5L1.2F

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000TM SANKEN-SI-8000TM Datasheet
531Kb / 15P
   DC/DC Step-Down Converter IC
logo
Toshiba Semiconductor
TB7100F TOSHIBA-TB7100F Datasheet
355Kb / 17P
   Step-down DC-DC Converter IC
TB7102F TOSHIBA-TB7102F Datasheet
280Kb / 13P
   Step-down DC-DC Converter IC
logo
SHENZHEN FUMAN ELECTRON...
TC34093 FUMAN-TC34093 Datasheet
155Kb / 3P
   Step-down DC-DC converter control IC
logo
Shindengen Electric Mfg...
MD1323R SHINDENGEN-MD1323R Datasheet
558Kb / 2P
   Step Down DC - DC Converter Power IC
logo
SHENZHEN FUMAN ELECTRON...
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
   Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
   Step-down DC-DC converter control IC
SC34073M FUMAN-SC34073M Datasheet
150Kb / 3P
   Step-down DC-DC converter control IC
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
   Step-Down PWM DC/DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com