Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T5L1.2F Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # T5L1.2F
Description  Step-down DC-DC Converter IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T5L1.2F Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button T5L1.2F Datasheet HTML 2Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 3Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 4Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 5Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 6Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 7Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 8Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 9Page - Toshiba Semiconductor T5L1.2F Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TB7101F(T5L1.2,F) , TB7101F(T5L1.5,F)
TB7101F(T5L1.8,F) , TB7101F(T5L2.5,F)
TB7101F(T5L3.3,F)
2007-09-06
6
Electrical Characteristics (unless otherwise specified: Tj = 25
°C and VIN = 2.7 to 5.5 V)
TB7101F(T5L1.5,F)
Characteristics
Symbol
Test
circuit
Test condition
Min
Typ.
Max
Unit
Operating supply voltage
VIN(OPR)
-
-
2.7
-
5.5
V
IIN(1)
-
VIN= 5V, VEN= 5V, VOUT= 5V
-
0.68
0.9
mA
Operating current
IIN(2)
-
VIN= 2.7V, VEN= 2.7V,
VOUT =2.7V
-
0.55
0.69
mA
Standby current
IIN(STBY)
-
VIN= 5V, VEN= 0V,VOUT= 0V
-
-
1
μA
VIH(EN)(1)
-
VIN= 5V
3.5
-
-
V
VIH(EN)(2)
-
VIN= 2.7V
1.89
-
-
V
VIL(EN)(1)
-
VIN= 5V
-
-
1.5
V
Enable pin threshold voltage
VIL(EN)(2)
-
VIN= 2.7V
-
-
0.81
V
IIH(EN)(1)
-
VIN= 5V, VEN= 5V
7.6
-
12.4
μA
Enable pin input current
IIH(EN)(2)
-
VIN= 2.7V, VEN= 2.7V
4.1
-
6.7
μA
VOUT(1)
-
VIN= 5V, VEN= 5V
IOUT=100mA
1.455
1.5
1.545
V
Output voltage
VOUT(2)
-
VIN=2.7V, VEN= 2.7V,
IOUT=100mA
1.455
1.5
1.545
V
Line regulation
LINE REG
-
VIN= VEN= 2.7V~5.5V
IOUT=100mA
-
-
18
mV
Load regulation
LOAD REG
-
VIN=5V
IOUT= 100mA~500mA
-
-
18
mV
High-side on-state resistance
RDS(ON)(H)
-
VIN= 5V, VEN= 5V, ILX= 0.5A
-
0.27
-
Low-side on-state resistance
RDS(ON)(L)
-
VIN= 5V, VEN= 5V, ILX= 0.5A
-
0.27
-
High-side leakage current
ILEAK(H)
-
VIN= 5V, VEN= 0V, VLX= 0V
-
-
1
μA
Low-side leakage current
ILEAK(L)
-
VIN= 5V, VEN= 0V, VLX= 5V
-
-
1
μA
fOSC(1)
-
VIN= 5V, VEN= 5V
0.85
1
1.15
MHz
Oscillation frequency
fOSC(2)
-
VIN= 2.7V, VEN= 2.7V
0.85
1
1.15
MHz
tss(1)
-
VIN=5V , VEN=5V, (no load)
1
2
-
ms
Soft start time
tss(2)
-
VIN= 2.7V, VEN= 2.7V, (no load)
1.4
2.4
-
ms
Detection
VUV
-
-
2.2
2.5
2.7
V
Undervoltage
protection
Hysteresis
ΔVUV
-
-
-
0.1
-
V
Protection function (reference data)
TB7101F(T5L1.5,F)
Detection
TSD
-
-
-
160
-
oC
Overheat
protection
Hysteresis
ΔTSD
-
-
20
-
oC


Similar Description - T5L1.2F

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000TM SANKEN-SI-8000TM Datasheet
531Kb / 15P
   DC/DC Step-Down Converter IC
logo
Toshiba Semiconductor
TB7100F TOSHIBA-TB7100F Datasheet
355Kb / 17P
   Step-down DC-DC Converter IC
TB7102F TOSHIBA-TB7102F Datasheet
280Kb / 13P
   Step-down DC-DC Converter IC
logo
SHENZHEN FUMAN ELECTRON...
TC34093 FUMAN-TC34093 Datasheet
155Kb / 3P
   Step-down DC-DC converter control IC
logo
Shindengen Electric Mfg...
MD1323R SHINDENGEN-MD1323R Datasheet
558Kb / 2P
   Step Down DC - DC Converter Power IC
logo
SHENZHEN FUMAN ELECTRON...
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
   Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
   Step-down DC-DC converter control IC
SC34073M FUMAN-SC34073M Datasheet
150Kb / 3P
   Step-down DC-DC converter control IC
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
   Step-Down PWM DC/DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com