Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB7100F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TB7100F
Description  Step-down DC-DC Converter IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB7100F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TB7100F Datasheet HTML 1Page - Toshiba Semiconductor TB7100F Datasheet HTML 2Page - Toshiba Semiconductor TB7100F Datasheet HTML 3Page - Toshiba Semiconductor TB7100F Datasheet HTML 4Page - Toshiba Semiconductor TB7100F Datasheet HTML 5Page - Toshiba Semiconductor TB7100F Datasheet HTML 6Page - Toshiba Semiconductor TB7100F Datasheet HTML 7Page - Toshiba Semiconductor TB7100F Datasheet HTML 8Page - Toshiba Semiconductor TB7100F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TB7100F
2004-09-10
5
Electrical Characteristics (unless otherwise specified: Ta = 25
°C and VIN = 3 to 5.5 V)
Characteristics
Symbol
Test
circuit
Test condition
Min
Typ.
Max
Unit
Operating supply voltage
VIN(OPR)
3
5
5.5
V
Load current
IOUT
700
mA
Operating current
IIN
VIN = 5 V, VENB= 5 V, VFB = 0.7 V
RT = 120 kΩ
570
750
μ
A
Standby current
IIN(STBY)
VIN= 5 V, VENB= 0 V, VFB = 0.9 V
1
μ
A
VIH
VIN = 5 V
3.5
V
Enable pin threshold voltage
VIL
VIN = 5 V
1.5
V
Enable pin input current
IIH
VIN = 5 V, VENB = 5 V
20
μ
A
Feedback pin current
IFB
-1
1
μ
A
Feedback pin voltage
VFB
0.776
0.8
0.824
V
Feedback pin line regulation
Δ
VFB(LINE)
VIN = VENB = 3 V~5 V
1.6
5
mV/V
High-side on-state resistance
RDS(ON)
VIN = 5 V, VENB = 5 V, ISW = - 0.5
A
0.27
0.6
Ω
High-side leakage current
ILEAK
VIN = 5 V, VENB = 0 V, VSW = 0 V
-1
μ
A
Oscillation frequency
fOSC
VIN = 5 V, VENB = 5 V, RT = 120 k
Ω
550
kHz
Error amplifier conductance
gm
VIN = 5 V, VENB = 5 V
ICOMP = ±20μA
800
μ
S
Peak switch current
ISW(PEAK)
1.0
1.5
A
Detection
VUV
2.3
2.5
2.7
V
Undervoltage
protection
Hysteresis
Δ
VUV
0.1
V
Detection
TSD
125
145
Overheat
protection
Hysteresis
Δ
TSD
25


Similar Part No. - TB7100F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB7101AF TOSHIBA-TB7101AF Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
TB7101AFT5L1.2 TOSHIBA-TB7101AFT5L1.2 Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
TB7101AFT5L1.2F TOSHIBA-TB7101AFT5L1.2F Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
TB7101AFT5L1.5 TOSHIBA-TB7101AFT5L1.5 Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
TB7101AFT5L1.5F TOSHIBA-TB7101AFT5L1.5F Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
More results

Similar Description - TB7100F

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000TM SANKEN-SI-8000TM Datasheet
531Kb / 15P
   DC/DC Step-Down Converter IC
logo
Toshiba Semiconductor
TB7102F TOSHIBA-TB7102F Datasheet
280Kb / 13P
   Step-down DC-DC Converter IC
TB7101F TOSHIBA-TB7101F Datasheet
295Kb / 17P
   Step-down DC-DC Converter IC
logo
SHENZHEN FUMAN ELECTRON...
TC34093 FUMAN-TC34093 Datasheet
155Kb / 3P
   Step-down DC-DC converter control IC
logo
Shindengen Electric Mfg...
MD1323R SHINDENGEN-MD1323R Datasheet
558Kb / 2P
   Step Down DC - DC Converter Power IC
logo
SHENZHEN FUMAN ELECTRON...
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
   Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
SC34073 FUMAN-SC34073 Datasheet
137Kb / 2P
   Step-down DC-DC converter control IC
SC34073M FUMAN-SC34073M Datasheet
150Kb / 3P
   Step-down DC-DC converter control IC
logo
New Japan Radio
NJM2393 NJRC-NJM2393 Datasheet
137Kb / 7P
   Step-Down PWM DC/DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com