Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB6520P Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TB6520P
Description  PWM TYPE 3−PHASE FULL−WAVE SENSORLESS MOTOR CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB6520P Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TB6520P_06 Datasheet HTML 1Page - Toshiba Semiconductor TB6520P_06 Datasheet HTML 2Page - Toshiba Semiconductor TB6520P_06 Datasheet HTML 3Page - Toshiba Semiconductor TB6520P_06 Datasheet HTML 4Page - Toshiba Semiconductor TB6520P_06 Datasheet HTML 5Page - Toshiba Semiconductor TB6520P_06 Datasheet HTML 6Page - Toshiba Semiconductor TB6520P_06 Datasheet HTML 7Page - Toshiba Semiconductor TB6520P_06 Datasheet HTML 8Page - Toshiba Semiconductor TB6520P_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TB6520P/PG
2006-3-6
5
ABSOLUTE MAXIMUM RATING
CHARACTERISTICS
SYMBOL
RATING
UNIT
Supply Voltage
VDD
7
V
Input Voltage
VIN
VDD
V
Power Dissipation
PD
300
mW
Operating Temperature
Topr
−30~85
°C
Storage Temperature
Tstg
−55~150
°C
RECOMMENDED OPERATING CONDITIONS (Ta = −30 to 85°C)
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Supply Voltage
VDD
4.5
5.0
5.5
V
Input Voltage
VIN
GND
VDD
V
OSC Frequency
fosc
1.0
10
MHz
ELECTRICAL CHARACTERISTICS (Ta = 25°C, VDD = 5 V)
CHARACTERISTICS
SYMBOL
TEST
CIR−
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
Rest Supply Current
IDD
1
DUTY = 0 V
2
5
mA
Operating Supply Current
IDD (opr)
2
DUTY = 5 V
2
5
mA
IIN−1 (H)
3
VIN = 5 V, WAVE−U, WAVE−V
WAVE−W, OC
50
IIN−1 (L)
4
VIN = 0 V, WAVE−U, WAVE−V
WAVE−W, OC
−1
0
IIN−2 (H)
3
VIN = 5 V, IP
0
1
IIN−2 (L)
4
VIN = 0 V, IP
−1
0
IIN−3 (H)
3
VIN = 5 V, CMP−SEL
0
1
IIN−3 (L)
4
VIN = 0 V, CMP−SEL
−75
−50
IIN−4 (H)
3
VIN = 5 V, DUTY
0
1
Input Current
IIN−4 (L)
4
VIN = 0 V, DUTY
−3
−0.5
µA
IL (L)
5
VDD = 7 V, VOUT = 7 V
OUT−U, OUT−V, OUT−W
0
10
Output Leakage Current
IL (H)
6
VDD = 7 V, VOUT = 0 V
OUT−U, OUT−V, OUT−W
0
10
µA
VO (H)
7
IO = 200 µA, OUT−U, OUT−V
OUT−W, START−SP, FG
4.3
VDD
Output Voltage
VO (L)
8
IO = 200 µA, OUT−U, OUT−V
OUT−W, START−SP, FG
GND
0.5
V
VIN (H)
7
WAVE−U, WAVE−V, WAVE−W
OC, IP, CMP−SEL
3.5
5.15
Input Voltage
VIN (L)
8
WAVE−U, WAVE−V, WAVE−W
OC, IP, CMP−SEL
GND
1.5
V
Input Hysteresis Voltage
VH
WAVE−U, WAVE−V, WAVE−W
OC, IP
0.6
V
VAD (L)
9
DUTY
0.44
0.49
0.54
ADC Input Voltage Range
VAD (H)
9
DUTY
4.1
4.3
4.5
V


Similar Part No. - TB6520P_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6520P TOSHIBA-TB6520P Datasheet
580Kb / 16P
   PWM TYPE 3-PHASE FULL-WAVE SENSORSESS MOTOR CONTROLLER
More results

Similar Description - TB6520P_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6520P TOSHIBA-TB6520P Datasheet
580Kb / 16P
   PWM TYPE 3-PHASE FULL-WAVE SENSORSESS MOTOR CONTROLLER
TB6575FNG TOSHIBA-TB6575FNG_06 Datasheet
240Kb / 14P
   PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
TB6575FNG TOSHIBA-TB6575FNG Datasheet
122Kb / 13P
   PWM Sensorless Controller for 3-Phase Full-Wave BLDC Motors
TB6556FG TOSHIBA-TB6556FG_12 Datasheet
273Kb / 22P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6584AFNG TOSHIBA-TB6584AFNG Datasheet
670Kb / 27P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
2016-02-22
TB6581H TOSHIBA-TB6581H_06 Datasheet
584Kb / 15P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6556F TOSHIBA-TB6556F Datasheet
307Kb / 22P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6581H TOSHIBA-TB6581H Datasheet
383Kb / 14P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6631FNG TOSHIBA-TB6631FNG Datasheet
784Kb / 28P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
TB6634FNG TOSHIBA-TB6634FNG Datasheet
914Kb / 29P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com