Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P10C68-45DCBS Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # P10C68-45DCBS
Description  CMOS/SNOS NVSRAM HIGH PERFORMANCE 8 K x 8 NON-VOLATILE STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

P10C68-45DCBS Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  P10C68-45DCBS Datasheet HTML 1Page - Zarlink Semiconductor Inc P10C68-45DCBS Datasheet HTML 2Page - Zarlink Semiconductor Inc P10C68-45DCBS Datasheet HTML 3Page - Zarlink Semiconductor Inc P10C68-45DCBS Datasheet HTML 4Page - Zarlink Semiconductor Inc P10C68-45DCBS Datasheet HTML 5Page - Zarlink Semiconductor Inc P10C68-45DCBS Datasheet HTML 6Page - Zarlink Semiconductor Inc P10C68-45DCBS Datasheet HTML 7Page - Zarlink Semiconductor Inc P10C68-45DCBS Datasheet HTML 8Page - Zarlink Semiconductor Inc P10C68-45DCBS Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
P10C68/P11C68
5
SRAM MEMORY OPERATION
Test conditions (unless otherwise stated):
Commercial and Industrial Temperature Range
Tamb = -40°C to + 85°C, Vcc = + 5V ± 10%
READ CYCLES 1 AND 2
(See note 8)
NOTES
8.
E (bar), G (bar) and W (bar) must make the transition between VIH(min) to VIL(max), or VIL(max) to VIH(min) in a
monotonic fashion. NE (bar) must be ≥ VIH during entire cycle.
9.
For READ CYCLE 1 and 2, W (bar) and NE (bar) must be high for entire cycle.
10.
Device is continuously selected with E (bar) low, and G (bar) low.
11.
Measured ±200mV from steady state output voltage. Load capacitance is 5pF.
12.
Parameter guaranteed but not tested.
tAVAV
tAVQV
tAXQX
tWHQV
ADDRESS
DQ (DATA OUT)
W
DATA VALID
Figure 4. READ CYCLE 1 timing diagram (see notes 9 and 10).
Standard
tELQV
tAVAV
tAVQV
tGLQV
tAXQX
tELQX
tEHQZ
tGLQX
tGHQZ
tELICCH
tEHICCL
tWHQV
Alternative
tACS
tRC
tAA
tOE
tOH
tLZ
tOHZ
tOLZ
tHZ
tPA
tPS
tWR
Parameter
Chip enable access time
Read cycle time
Address access time
Output enable to data valid
Output hold after address change
Chip enable to output active
Chip disable to output inactive
Output enable to output active
Outout disable to output inactive
Chip enable to power active
Chip disable to power standby
Write recovery time
Units
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Notes
9
10
11
11
12
12
P10C68-45
P11C68-45
P10C68-35
P11C68-35
Symbol
Min.
45
5
5
0
0
Max.
45
45
25
25
20
25
55
Min.
35
5
5
0
0
Max.
35
35
20
20
15
25
45


Similar Part No. - P10C68-45DCBS

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P10C24D05W HY-LINE-P10C24D05W Datasheet
303Kb / 2P
   10W DC-DC Converter P10C-Series
Rev: 9 / 05 f
P10C24D12W HY-LINE-P10C24D12W Datasheet
303Kb / 2P
   10W DC-DC Converter P10C-Series
Rev: 9 / 05 f
P10C24D15W HY-LINE-P10C24D15W Datasheet
303Kb / 2P
   10W DC-DC Converter P10C-Series
Rev: 9 / 05 f
P10C24S05W HY-LINE-P10C24S05W Datasheet
303Kb / 2P
   10W DC-DC Converter P10C-Series
Rev: 9 / 05 f
P10C24S12W HY-LINE-P10C24S12W Datasheet
303Kb / 2P
   10W DC-DC Converter P10C-Series
Rev: 9 / 05 f
More results

Similar Description - P10C68-45DCBS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK20C04 ETC-STK20C04 Datasheet
79Kb / 8P
   CMOS nvSRAM High Performance 512 x 8 Nonvolatile Static RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
GR3281 ETC2-GR3281 Datasheet
153Kb / 2P
   32768 word by 8 bits (32K x 8) non-volatile CMOS Static Ram
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com