Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8372ACPZ-WP1 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8372ACPZ-WP1
Description  41 dB Range, 1 dB Step Size, Programmable Dual VGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8372ACPZ-WP1 Datasheet(HTML) 4 Page - Analog Devices

  AD8372ACPZ-WP1 Datasheet HTML 1Page - Analog Devices AD8372ACPZ-WP1 Datasheet HTML 2Page - Analog Devices AD8372ACPZ-WP1 Datasheet HTML 3Page - Analog Devices AD8372ACPZ-WP1 Datasheet HTML 4Page - Analog Devices AD8372ACPZ-WP1 Datasheet HTML 5Page - Analog Devices AD8372ACPZ-WP1 Datasheet HTML 6Page - Analog Devices AD8372ACPZ-WP1 Datasheet HTML 7Page - Analog Devices AD8372ACPZ-WP1 Datasheet HTML 8Page - Analog Devices AD8372ACPZ-WP1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8372
Rev. 0 | Page 4 of 16
Parameter
Conditions
Min
Typ
Max
Unit
POWER INTERFACE
Supply Voltage
4.5
5.5
V
Quiescent Current per Channel
Thermal connection made to exposed paddle under
device
106
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
135
mA
Power-Down Current, Both Channels
ENB1 and ENB2 low
1.2
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
1.3
mA
ENABLE INTERFACE
Pin ENB1 and Pin ENB2
Enable Threshold
Minimum voltage to enable the device
0.8
V
ENB1, ENB2 Input Bias Current
ENB1, ENB2 = 0 V
400
nA
GAIN CONTROL INTERFACE
Pin CLK1, Pin CLK2, Pin SDI1, Pin SDI2, Pin SDO1, Pin
SDO2, Pin LCH1, and Pin LCH2
VIH
Minimum voltage for a logic high
2.4
V
Input Bias Current
400
nA
Serial Port Output Feedthrough
Worse-case feedthrough from CLK1, CLK2, SDI1,
SDI2, SDO1, SDO2, LCH1, LCH2 to OPC1 and ONC2,
or OPC2 and ONC2
−60
dB
Table 2. Gain Code vs. Voltage Gain Look-Up Table
8-Bit Binary Gain Code1
Voltage Gain (dB)
RW DC 000000
< −60
RW DC 000001
−9
RW DC 000010
−8
RW DC 000011
−7
RW DC 000100
−6
RW DC 000101
−5
RW DC 000110
−4
RW DC 000111
−3
RW DC 001000
−2
RW DC 001001
−1
RW DC 001010
0
RW DC 001011
+1
RW DC 001100
+2
RW DC 001101
+3
RW DC 001110
+4
RW DC 001111
+5
RW DC 010000
+6
RW DC 010001
+7
RW DC 010010
+8
RW DC 010011
+9
RW DC 010100
+10
RW DC 010101
+11
1 RW is the Read/Write bit, RW = 0 for read mode, RW = 1 for write mode. DC is
the Don’t Care bit.
8-Bit Binary Gain Code1
Voltage Gain (dB)
RW DC 010110
+12
RW DC 010111
+13
RW DC 011000
+14
RW DC 011001
+15
RW DC 011010
+16
RW DC 011011
+17
RW DC 011100
+18
RW DC 011101
+19
RW DC 011110
+20
RW DC 011111
+21
RW DC 100000
+22
RW DC 100001
+23
RW DC 100010
+24
RW DC 100011
+25
RW DC 100100
+26
RW DC 100101
+27
RW DC 100110
+28
RW DC 100111
+29
RW DC 101000
+30
RW DC 101001
+31
RW DC 101010
+32
RW DC 101011
< −60


Similar Part No. - AD8372ACPZ-WP1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8372ACPZ-WP AD-AD8372ACPZ-WP Datasheet
751Kb / 16P
   Programmable Dual VGA
More results

Similar Description - AD8372ACPZ-WP1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
   41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
ADL5205 AD-ADL5205 Datasheet
1Mb / 32P
   Dual, 35 dB Range, 1 dB Step Size DGA
ADL5206 AD-ADL5206 Datasheet
1,010Kb / 25P
   1.0 GHz DGA with 30 dB Range and 1 dB Step Size
AD8375 AD-AD8375 Datasheet
237Kb / 6P
   24dB Range, 1dB Step Size Programmable VGA
Rev. PrB March 13, 2007
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
   3 dB/step, 30 dB Range
logo
Pasternack Enterprises,...
PE70A5002 PASTERNACK-PE70A5002 Datasheet
543Kb / 7P
   Step Resolution of 1 dB
PE70A3901 PASTERNACK-PE70A3901 Datasheet
335Kb / 3P
   Step Resolution of 1 dB
PE70A3900 PASTERNACK-PE70A3900 Datasheet
477Kb / 8P
   Step Resolution of 1 dB
logo
Guerrilla RF, Inc.
GRF6402W GUERRILLA-GRF6402W Datasheet
1Mb / 24P
   31.75 dB RANGE / 0.25 dB STEP DSA 0.05 to 6 GHz
January 26, 2023
logo
Analog Devices
ADL5331 AD-ADL5331 Datasheet
702Kb / 16P
   1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com