Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPU65-302S Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # SPU65-302S
Description  65W Desktop Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SPU65-302S Datasheet(HTML) 4 Page - Astrodyne Corporation

  SPU65-302S Datasheet HTML 1Page - Astrodyne Corporation SPU65-302S Datasheet HTML 2Page - Astrodyne Corporation SPU65-302S Datasheet HTML 3Page - Astrodyne Corporation SPU65-302S Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
65W Desktop Switching Power Supplies
S P u 6 5 series
168±1.0
AC INPUT
IEC 320 INLET
ON/OFF SWITCH
(OPTIONAL)
TOP
TOP
MECHANICAL DIMENSIONS
1
2
3
4
5
5 Pin DIN
1. COM
2. COM
3. Vout
4. COM
5. Vout
Shell = GND
DIN Connector
8 Pin DIN
1. COM
2. COM
3. Vout
4. COM
5. Vout
6. COM
7. Vout
8. Vout
Shell = GND
Single Output
1. COM
2. Vout2
3. Vout1
4. Vout2
5. Vout1
6. COM
7. Vout1
8. COM
Shell = GND
Dual Output
Coaxial Plug:
5.5mm outer diameter
2.1mm inner diameter, female
11mm length, center “+”
+Vout
-Vout
1. Vout1
2. COM
3. Vout3
4. Vout1
5. Vout2
6. Vout1
7. COM
8. COM
Shell = GND
Triple Output
1. COM
2. COM
3. Output #1
4. No Connection
5. Output #2
Shell = GND
1. COM
2. COM
3. Output #1
4. Output #3
5. Output #2
Shell = GND
Output Cord Length 72” typ.


Similar Part No. - SPU65-302S

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
SPU65-302 TRUMPOWER-SPU65-302 Datasheet
632Kb / 1P
   50-80W Switching Power Adapters
logo
Volgen Kaga Electronics...
SPU65-302 VOLGEN-SPU65-302 Datasheet
291Kb / 2P
   80W Desk Top Switching Power Supplies For I.T.E.
More results

Similar Description - SPU65-302S

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU60 ASTRODYNE-SPU60 Datasheet
275Kb / 3P
   60W Desktop Switching Power Supplies
SPU30 ASTRODYNE-SPU30 Datasheet
459Kb / 3P
   30W Desktop Switching Power Supplies
logo
List of Unclassifed Man...
DT-B85D ETC2-DT-B85D Datasheet
418Kb / 1P
   Support Intel짰 Haswell 65W Desktop CPU
DT-H81DL ETC2-DT-H81DL Datasheet
423Kb / 1P
   Support Intel짰 Haswell 65W Desktop CPU
logo
Total Power Internation...
RQ-65 TOTAL-POWER-RQ-65 Datasheet
332Kb / 2P
   65W Quad Output Switching Power Supply
logo
RSG Electronic Componen...
PS-65 RSG-PS-65 Datasheet
121Kb / 2P
   65W Single Output Switching Power Supply
PT-65 RSG-PT-65 Datasheet
125Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65_11 Datasheet
428Kb / 2P
   65W Dual Output Switching Power Supply
PT-65 MEANWELL-PT-65 Datasheet
429Kb / 2P
   65W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
RPT-65 RSG-RPT-65 Datasheet
258Kb / 2P
   65W Triple Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com