Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSP430F21X2 Datasheet(PDF) 1 Page - Texas Instruments

Part No. MSP430F21X2
Description  MIXED SIGNAL MICROCONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

MSP430F21X2 Datasheet(HTML) 1 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MSP430F21x2
MIXED SIGNAL MICROCONTROLLER
SLAS578 -- NOVEMBER 2007
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D
Low Supply-Voltage Range, 1.8 V to 3.6 V
D
Ultra-Low Power Consumption:
-- Active Mode: 200 μAat1MHz, 2.2V
-- Standby Mode: 0.7 μA
-- Off Mode (RAM Retention): 0.1 μA
D
Ultra-Fast Wake-Up From Standby Mode in
Less Than 1 μs
D
16-Bit RISC Architecture,
62.5-ns Instruction Cycle Time
D
Basic Clock Module Configurations:
-- Internal Frequencies up to 16 MHz With
Four Calibrated Frequencies to ±1%
-- Internal Very Low Power LF Oscillator
-- 32-kHz Crystal
-- High-Frequency Crystal up to 16 MHz
-- Resonator
-- External Digital Clock Source
-- External Resistor
D
16-Bit Timer0_A3 With Three
Capture/Compare Registers
D
16-Bit Timer1_A2 With Two
Capture/Compare Registers
D
On-Chip Comparator for Analog Signal
Compare Function or Slope
Analog-to-Digital (A/D) Conversion
D
10-Bit 200-ksps A/D Converter With Internal
Reference, Sample-and-Hold, Autoscan,
and Data Transfer Controller
D
Universal Serial Communication Interface
-- Enhanced UART Supporting Auto
Baudrate Detection (LIN)
-- IrDA Encoder and Decoder
-- Synchronous SPI
-- I2C™
D
Brownout Detector
D
Serial Onboard Programming,
No External Programming Voltage Needed,
Programmable Code Protection by
Security Fuse
D
Bootstrap Loader in Flash Devices
D
On-Chip Emulation Module
D
Family Members Include:
MSP430F2132
8KB + 256B Flash Memory
512B RAM
MSP430F2122
4KB + 256B Flash Memory
512B RAM
MSP430F2112
2kB + 256B Flash Memory
256B RAM
D
Available in 28-Pin TSSOP and 32-Pin QFN
Packages (See Available Options)
D
For Complete Module Descriptions, See the
MSP430x2xx Family User’s Guide
(Literature Number SLAU144)
description
The Texas Instruments MSP430 family of ultra-low-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 1 μs.
The MSP430F21x2 series is an ultra-low-power microcontroller with two built-in 16-bit timers, a fast 10-bit A/D
converter with integrated reference and a data transfer controller (DTC), a comparator, built-in communication
capability using the universal serial communication interface, and up to 24 I/O pins.
Copyright © 2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.
I2C is a trademark of NXP Semiconductors.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSP430F2101MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X47X3MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430XW42X_07MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X22X2MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X43X1MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X461XMIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X22X2_1MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430F23X0MIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430X15XMIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments
MSP430XG461XMIXED SIGNAL MICROCONTROLLER 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn