Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QR1420T30 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part No. QR1420T30
Description  Fast Recovery Diode Module (200 Amp/1400 Volts)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QR1420T30 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  QR1420T30 Datasheet HTML 1Page - Powerex Power Semiconductors QR1420T30 Datasheet HTML 2Page - Powerex Power Semiconductors QR1420T30 Datasheet HTML 3Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Preliminary
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Fast Recovery Diode Module
200 Amp/1400 Volts
QR_1420T30
200 Amp/1400 Volts
Description:
Powerex Fast Recovery Diode
Modules are designed for use in
applications requiring fast switching.
The modules are isolated for easy
mounting with other components on a
common heatsink.
Features:
Fast Recovery Time
Isolated Mounting
Metal Baseplate
Low Thermal Impedance
3000 V isolating voltage
Applications:
Switching Power Supplies
Inverters
Choppers
Welding Power Supplies
Free Wheeling Diode
High Frequency Rectifiers
QR_1420T30
Fast Recovery Diode Module
200 Amperes / 1400 Volts
Dimensions
Inches
Millimeters
A
3.70
94
B
1.34
34
C
1.18
30
D
3.15
80
E
0.67
17
F
0.28
6.99
G
0.67
17.1
H
0.91
23
J
0.91
23
K
M6X1.0
M6X1.0
QRD
QRC
QRF
QRS


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
QR0620T30 Fast Recovery Diode Module 200 Amp/600 Volts 1  2  3  Powerex Power Semiconductors
QR1220T30 Fast Recovery Diode Module 200 Amp/1200 Volts 1  2  3  Powerex Power Semiconductors
CS241020 Fast Recovery Single Diode Module 200 Amperes/1000 Volts 1  2  Powerex Power Semiconductors
QR1430T30 Fast Recovery Diode Module 300 Amp/1400 Volts 1  2  3  Powerex Power Semiconductors
QR3310001 Fast Recovery Diode Module 100 Amp/3300 Volts 1  2  Powerex Power Semiconductors
QR3310002 Fast Recovery Diode Module 100 Amp/3300 Volts 1  2  Powerex Power Semiconductors
RM300CA-9W Fast Recovery Welder Diode Module 300 Amperes/450 Volts 1  2  Powerex Power Semiconductors
QRS0640T30 Fast Recovery Diode Module 400 Amp/600 Volts 1  2  3  Powerex Power Semiconductors
RM400HA-24S Super Fast Recovery Single Diode Module 400 Amperes/1200 Volts 1  2  3  4  Powerex Power Semiconductors
QRS0660T30 Fast Recovery Diode Module 600 Amp/600 Volts 1  2  3  Powerex Power Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn