Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1311AFG Datasheet(PDF) 27 Page - Toshiba Semiconductor

Part # TB1311AFG
Description  Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB1311AFG Datasheet(HTML) 27 Page - Toshiba Semiconductor

Back Button TB1311AFG_06 Datasheet HTML 23Page - Toshiba Semiconductor TB1311AFG_06 Datasheet HTML 24Page - Toshiba Semiconductor TB1311AFG_06 Datasheet HTML 25Page - Toshiba Semiconductor TB1311AFG_06 Datasheet HTML 26Page - Toshiba Semiconductor TB1311AFG_06 Datasheet HTML 27Page - Toshiba Semiconductor TB1311AFG_06 Datasheet HTML 28Page - Toshiba Semiconductor TB1311AFG_06 Datasheet HTML 29Page - Toshiba Semiconductor TB1311AFG_06 Datasheet HTML 30Page - Toshiba Semiconductor TB1311AFG_06 Datasheet HTML 31Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
TB1311AFG
2006-05-29
27
0
10
20
30
40
50
0
20406080
100
120
BANDWIDTH data
fo SW = high
fo SW = low
fo SW = high, fc HALF = on
fo SW = low, fc HALF = on
127
Fig. Typical cutoff frequency (-3 dB point) characteristics of prefilter
0
50
100
150
200
250
0
20406080
100
120
BANDWIDTH data
fo SW = high
fo SW = low
fo SW = high, fc HALF = on
fo SW = low, fc HALF = on
127
Fig. Typical delay-time (group delay @ 1 MHz) characteristics of prefilter
Recommended crystal oscillator
When a connected crystal oscillator is used for the XO, the following oscillation specifications are required.
Oscillation frequency (fundamental): 3.579545 MHz (for NTSC decoding)
Frequency tolerance: +/- 50 ppm
External CW input into crystal oscillator pin
Instead of connecting a crystal oscillator, it is possible to input an external CW (Continual Wave) into pin 28 through a
capacitor as below.
The required specs on the CW are as follows.
Input frequency (fundamental): 3.579545 MHz +/- 50 ppm
Input amplitude: 1.0Vp-p +/- 0.5Vp-p


Similar Part No. - TB1311AFG_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1311AFG TOSHIBA-TB1311AFG Datasheet
1Mb / 46P
   Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
More results

Similar Description - TB1311AFG_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1311AFG TOSHIBA-TB1311AFG Datasheet
1Mb / 46P
   Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
TB1328FG TOSHIBA-TB1328FG Datasheet
822Kb / 47P
   Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
TB1305FG TOSHIBA-TB1305FG Datasheet
661Kb / 33P
   Component SW, Sync Separation and H/V Frequency Counter IC for TVs
logo
NXP Semiconductors
TDA4820T PHILIPS-TDA4820T Datasheet
63Kb / 10P
   Sync separation circuit for video applications
June 1990
logo
Toshiba Semiconductor
TA1219AN TOSHIBA-TA1219AN Datasheet
1Mb / 32P
   AUDIO/VIDEO SWITCHING IC FOR TVs
logo
Panasonic Semiconductor
AN18202A PANASONIC-AN18202A Datasheet
285Kb / 9P
   Audio Video SW for TV with multi-signal input output
logo
Toshiba Semiconductor
TA1218ANG TOSHIBA-TA1218ANG Datasheet
985Kb / 40P
   Audio/Video Switching IC for TVs
TC90L01NG TOSHIBA-TC90L01NG Datasheet
417Kb / 33P
   Audio/Video Switching IC for TVs
TA1318AFG TOSHIBA-TA1318AFG Datasheet
376Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1383AFG TOSHIBA-TA1383AFG Datasheet
1,018Kb / 47P
   NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com