Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1305FG Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TB1305FG
Description  Component SW, Sync Separation and H/V Frequency Counter IC for TVs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB1305FG Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TB1305FG Datasheet HTML 6Page - Toshiba Semiconductor TB1305FG Datasheet HTML 7Page - Toshiba Semiconductor TB1305FG Datasheet HTML 8Page - Toshiba Semiconductor TB1305FG Datasheet HTML 9Page - Toshiba Semiconductor TB1305FG Datasheet HTML 10Page - Toshiba Semiconductor TB1305FG Datasheet HTML 11Page - Toshiba Semiconductor TB1305FG Datasheet HTML 12Page - Toshiba Semiconductor TB1305FG Datasheet HTML 13Page - Toshiba Semiconductor TB1305FG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
TB1305FG, TB1308FG
2007-07-11
10
Register Name
Function
VD-POL
Polarity detection to VD-IN
0: Positive
1: Negative
Detects the width from the VD-IN pin to determine whether it is negative or not. When the High level of
the input VD-IN is wider than approx 4.5 ms, VD-POL shows 1.
H FORMAT
Horizontal format detection
0000: 15.625/15.75kHz 0001: 28.125kHz
0010: 31.25/31.5kHz
0011: 33.75kHz
0100: 37.5/37.9kHz
0101: 45/48kHz
0110: 64kHz/67.5kHz
0111: 75kHz
1000 56.25kHz
1001 ~ 1111: Undefined
Detects a horizontal format (horizontal frequency).
NOTE1: Format detection errors such as the following can occur when suppressed syncs are input. See
NOTE3 in the function description on Automatic sync processing mode, too.
525i input → 525p detected, 625i input → 625p detected, 1125i input → 1125p detected
525p/625p input → No V-sync detected
NOTE2: When 525i, 625i, 1125/50i or 1125/60i signal is input, H FORMAT data can be incorrect caused
by the pseudo-syncs for copy guard or the equalizing pulses.
V FORMAT
Vertical format detection
00: 50 Hz
01: 60 Hz
10 ~ 11: Undefined
Detects a vertical format (horizontal frequency) according to V FREQ DET data.
H FM2
Horizontal format detection 2
0: Known
1: Unknown
Detects whether an input is in one of the defined formats or not. This is based on H FORMAT data.
NOTE: H FM2 may indicate Unknown, when 525p input with pseudo sync signal for copy guard is input.
V FM2
Vertical format detection 2
0: Known
1: Unknown
Detects whether an input is in one of the defined formats or not. This is based on V FORMAT data.
H IN
Input detection to horizontal syncs
0: No signal
1: Signal
V IN
Input detection to vertical syncs
0: No signal
1: Signal
V-SYNC-W
V-SYNC width detection
0: Wide
1: Narrow
Detects V-SYNC width for detecting 1250i format.
Under A-SYNC = 1 (ON), V-SYNC-W shows 1, when the VD width from the VD-IN pin is narrower than
approx 69
µs, or when the V-SYNC width from the SYNC-IN pin is narrower than approx 27 µs.
VERSION
IC version identification
00: TB1305FG
01: TB1308FG
10: ----
11: ----
V FREQ DET
Counts the vertical frequency of an input selected by SYNC SW.
0000000: Over 3.5kHz
1001111: 44Hz or less
1010000~1111111: No signal
How to calculate a vertical frequency (Y):
Convert data read from V FREQ DET into decimal value and call it X.
Vertical frequency (Y)
= 1 ÷ (X × 2.8607 × 10-4) [Hz]
The error range of X is
−1 to +1.
H FREQ DET
Counts the horizontal frequency of an input selected by SYNC SW.
00000000: No signal
11111111: Over 85kHz
How to calculate a horizontal frequency (Y):
Convert data read from H FREQ DET into decimal value and call it X.
Horizontal frequency (Y)
= 1 ÷ (0.003 ÷ X) [Hz]
The error range of X is
−1 to +1.


Similar Part No. - TB1305FG

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1305A TAI-SAW-TB1305A Datasheet
348Kb / 7P
   IF SAW Filter 867.5MHz SMD 5.0X5.0mm
More results

Similar Description - TB1305FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1311AFG TOSHIBA-TB1311AFG_06 Datasheet
948Kb / 46P
   Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
TB1328FG TOSHIBA-TB1328FG Datasheet
822Kb / 47P
   Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
TB1311AFG TOSHIBA-TB1311AFG Datasheet
1Mb / 46P
   Audio SW, Video SW, Sync Separation and H/V Frequency Counter IC for TVs
TA1370FG TOSHIBA-TA1370FG Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1370FG TOSHIBA-TA1370FG_05 Datasheet
902Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318AFG TOSHIBA-TA1318AFG Datasheet
376Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318AF TOSHIBA-TA1318AF Datasheet
637Kb / 42P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1318NG TOSHIBA-TA1318NG Datasheet
897Kb / 41P
   SYNC Processor, Frequency Counter IC for TV Component Signals
TA1383AFG TOSHIBA-TA1383AFG Datasheet
1,018Kb / 47P
   NTSC Chroma Decoder, Multi-Point Scan Sync Processor, H/V Frequency Counter IC for Color TV
logo
NXP Semiconductors
TDA4820T PHILIPS-TDA4820T Datasheet
63Kb / 10P
   Sync separation circuit for video applications
June 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com