Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1274BFG Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # TB1274BFG
Description  LUMINANCE, CHROMA AND SYNCHRONIZING SIGNALS PROCESSOR IC FOR PAL / NTSC / SECAM COLOR TV
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB1274BFG Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button TB1274BFG Datasheet HTML 12Page - Toshiba Semiconductor TB1274BFG Datasheet HTML 13Page - Toshiba Semiconductor TB1274BFG Datasheet HTML 14Page - Toshiba Semiconductor TB1274BFG Datasheet HTML 15Page - Toshiba Semiconductor TB1274BFG Datasheet HTML 16Page - Toshiba Semiconductor TB1274BFG Datasheet HTML 17Page - Toshiba Semiconductor TB1274BFG Datasheet HTML 18Page - Toshiba Semiconductor TB1274BFG Datasheet HTML 19Page - Toshiba Semiconductor TB1274BFG Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
TB1274BFG
2005-08-18
16
FUNCTION DESCRIPTION
VIDEO SELECT,
AUTO-SW
1) “AUTO-SW” = (1) Manual select
When “AUTO-SW” is (1) Manual select, input signal is selected by the BUS as Fig. 1 and Table 1.
Mainly, CVBS-OUT(pin 3) is used for the comb filter input, and Yvi-OUT(pin 11) is used for
synchronization(pin 2). Besides, on chroma line from video SW to main route, the peak detection is done
during the burst period. The result is responded to the Read BUS data, C ID.
CVBS1/Y1-IN
Main Y (to Y section)
Main C (to C section)
CVBS2/Y2-IN
CVBS3/Y3-IN
A
B
MIX
C1-IN
C2-IN
C3-IN
6dB
0dB
0dB
(from Comb filter) COMB Y-IN
(from Comb filter) COMB C-IN
CVBS-OUT (to Comb filter)
Yvi-OUT (to SYNC-IN)
Chroma ID
VIDEO-SW SECTION
SW1
SW3
SW2
SW4
SW5
SW6
Y
C
A
B
C
A
B
C
A
B
A
B
B
A
Fig. 1 Signal route at Video SW section
Table 1 Selected input and pin 3/11 output from Video SW section
SW mode
To Y/C section
Output from V-SW
BUS
DATA
1
2
3
4
5
6
Main Y
Main C
CVBS-out
Yvi-out
0000
A
A
A
A
A
CVBS1
CVBS1
CVBS1
CVBS1
0001
B
A
A
A
A
CVBS2
CVBS2
CVBS2
CVBS2
0010
C
A
A
A
A
CVBS3
CVBS3
CVBS3
CVBS3
0100
A
A
B
B
A
A
Y1
C1
Y1+C1
Y1
0101
B
B
B
B
A
A
Y2
C2
Y2+C2
Y2
0110
C
C
B
B
A
A
Y3
C3
Y3+C3
Y3
1000
A
A
B
B
COMB Y
COMB C
CVBS1
COMB Y
1001
B
A
B
B
COMB Y
COMB C
CVBS2
COMB Y
1010
C
A
B
B
COMB Y
COMB C
CVBS3
COMB Y
others
Don’t use.


Similar Part No. - TB1274BFG

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1270A TAI-SAW-TB1270A Datasheet
325Kb / 7P
   SAW Filter 176MHz 60MHz BW (SMD 7.0횞5.0mm)
TB1277A TAI-SAW-TB1277A Datasheet
363Kb / 7P
   SAW Filter 243.875 MHz 0.13MHz BW
TB1278A TAI-SAW-TB1278A Datasheet
345Kb / 7P
   SAW Filter 170MHz 25MHz BW (SMD 7.0횞5.0mm)
TB1279A TAI-SAW-TB1279A Datasheet
345Kb / 7P
   SAW Filter 205MHz 25MHz BW (SMD 7.0횞5.0mm)
More results

Similar Description - TB1274BFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1227BN TOSHIBA-TB1227BN Datasheet
4Mb / 92P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV
TB1226DNG TOSHIBA-TB1226DNG Datasheet
3Mb / 99P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/ SECAM SYSTEM COLOR TV
TB1227CNG TOSHIBA-TB1227CNG Datasheet
1Mb / 94P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
TB1226EN TOSHIBA-TB1226EN Datasheet
2Mb / 100P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
2001-07-26
TB1229DN TOSHIBA-TB1229DN Datasheet
4Mb / 94P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
TB1230AN TOSHIBA-TB1230AN Datasheet
4Mb / 88P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC SYSTEM COLOR TV
TB1226DN TOSHIBA-TB1226DN Datasheet
4Mb / 98P
   VIDEO, CHROMA AND WYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV
logo
Motorola, Inc
MC13017 MOTOROLA-MC13017 Datasheet
84Kb / 4P
   NTSC/PAL CHROMA 10 COLOR TV and TIMEBASE PROCESSOR
logo
Panasonic Semiconductor
AN5693K PANASONIC-AN5693K Datasheet
325Kb / 34P
   Luminance,Chroma and Sync. Signals Processing ICwith Built-in I2Cbus Interfacefor PAL/NTSC Color-TV
logo
NEC
UPC1423 NEC-UPC1423 Datasheet
694Kb / 11P
   FOR COLOR TV COLOR SIGNALS, VIDEO SIGNAL, AND SYNCHRONIZING SIGNAL OF PAL/NTSC SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com