Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPU60-107 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # SPU60-107
Description  60W Desktop Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SPU60-107 Datasheet(HTML) 1 Page - Astrodyne Corporation

  SPU60-107 Datasheet HTML 1Page - Astrodyne Corporation SPU60-107 Datasheet HTML 2Page - Astrodyne Corporation SPU60-107 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WWW.ASTRODYNE.COM
60W Desktop Switching Power Supplies
S p u 6 0 series
ASTRODYNE uSA: 1-800-823-8082
ASTRODYNE EuROpE: 353 51 561060
ASTRODYNE pACIFIC: 886-2-26983458
Universal 85-265VAC Input
IEC-320-C14 Input Receptacle
Single Outputs from 3.3 to 48VDC
3000V Isolation
Splash Proof Case
Model Number
Output Watts
Output Volts
Output Amps
Total Regulation
SPU60-101
20
3.3V
6A
7%
SPU60-102
30
5V
6A
5%
SPU60-103
35
6V
5.8A
5%
SPU60-104
40
10V
4A
5%
SPU60-105
50
12V
4.16A
5%
SPU60-106
55
15V
3.66A
5%
SPU60-107
60
18V
3.33A
5%
SPU60-108
60
24V
2.5A
5%
SPU60-109
60
30V
2A
5%
SPU60-110
60
36V
1.66A
3%
SPU60-111
60
48V
1.25A
3%
4.6” x 1.36” x 2.0”


Similar Part No. - SPU60-107

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SPU60-107 VOLGEN-SPU60-107 Datasheet
370Kb / 2P
   60W Desk Top Switching Power Supplies For I.T.E.
More results

Similar Description - SPU60-107

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU30 ASTRODYNE-SPU30 Datasheet
459Kb / 3P
   30W Desktop Switching Power Supplies
SPU65 ASTRODYNE-SPU65 Datasheet
661Kb / 4P
   65W Desktop Switching Power Supplies
ASL60 ASTRODYNE-ASL60_16 Datasheet
700Kb / 4P
   60W Ultraminiature Open Frame Switching Power Supplies
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
   60W Ultraminiature Open Frame Switching Power Supplies
ASM60 ASTRODYNE-ASM60_16 Datasheet
655Kb / 5P
   60W Ultraminiature Medical Open Frame Switching Power Supplies
OFM40 ASTRODYNE-OFM40_16 Datasheet
217Kb / 4P
   40-60W Ultraminiature Open Frame Switching Power Supplies
OFM40 ASTRODYNE-OFM40 Datasheet
650Kb / 4P
   40-60W Ultraminiature Open Frame Switching Power Supplies
ASM60 ASTRODYNE-ASM60 Datasheet
751Kb / 4P
   60W Ultraminiature Medical Open Frame Switching Power Supplies
logo
Volgen Kaga Electronics...
SPU50-1 VOLGEN-SPU50-1 Datasheet
327Kb / 2P
   60W Desk Top Switching Power Supplies For I.T.E.
SPU60-101 VOLGEN-SPU60-101 Datasheet
370Kb / 2P
   60W Desk Top Switching Power Supplies For I.T.E.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com