Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPU12A-109 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # SPU12A-109
Description  10-15 Watt Wallmount Switching Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SPU12A-109 Datasheet(HTML) 1 Page - Astrodyne Corporation

  SPU12A-109 Datasheet HTML 1Page - Astrodyne Corporation SPU12A-109 Datasheet HTML 2Page - Astrodyne Corporation SPU12A-109 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10-15 Watt Wallmount Switching Power Supplies
S P U 1 2 a series
300 Myles Standish Blvd., Taunton, Ma 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.aSTRODYNE.COM
85-265VAC Universal Input
3.3 Through 48VDC Single Outputs
2 Prong Plug-In Mains Connector
3000V Isolation
Model Number
Output Watts
Output Voltage
Output amps
SPU12A-101
10
3.3V
3.03
SPU12A-102
10
5V
2.0A
SPU12A-103
10
6V
1.66A
SPU12A-104
12
9V
1.33A
SPU12A-105
15
12V
1.25A
SPU12A-106
15
15V
1.0A
SPU12A-107
15
18V
0.83A
SPU12A-108
15
24V
0.62A
SPU12A-109
15
30V
0.5A
SPU12A-110
15
36V
0.41A
SPU12A-111
15
48V
0.31A
Order On-Line!
astrodyne.com
2.55”W x 2.16”L x1.34”H


Similar Part No. - SPU12A-109

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SPU12A-109 VOLGEN-SPU12A-109 Datasheet
331Kb / 2P
   15W Wall Mount Switching Power Supplies For I.T.E.
More results

Similar Description - SPU12A-109

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PV15 ASTRODYNE-PV15 Datasheet
471Kb / 3P
   Compact 15 Watt Enclosed Switching Power Supplies
ANC ASTRODYNE-ANC Datasheet
252Kb / 3P
   15 Watt Ultraminiature Modular Switching Power Supplies
logo
Wall Industries,Inc.
PSATCN WALL-PSATCN Datasheet
857Kb / 6P
   15 Watt AC/DC Switching Power Supplies
logo
Astrodyne Corporation
PV15 ASTRODYNE-PV15_16 Datasheet
371Kb / 3P
   Compact 15 Watt Enclosed Switching Power Supplies
logo
Wall Industries,Inc.
PSAPCN WALL-PSAPCN Datasheet
168Kb / 6P
   15 Watt AC/DC Switching Power Supplies
logo
Astrodyne Corporation
ATC ASTRODYNE-ATC Datasheet
244Kb / 3P
   10 Watt Ultraminiature Modular Switching Power Supplies
logo
Bothhand USA, LP.
M2-10US05 BOTHHAND-M2-10US05 Datasheet
255Kb / 2P
   10-15 Watt Switching Adapter
logo
Tumbler Technologies + ...
PU200 TRUMPOWER-PU200 Datasheet
133Kb / 2P
   200 WATT SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU30SL RSG-PU30SL Datasheet
161Kb / 2P
   30 WATT SWITCHING POWER SUPPLIES
PU40SL RSG-PU40SL Datasheet
164Kb / 2P
   40 WATT SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com