Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPU15A-101 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # SPU15A-101
Description  15 Watt Desktop Switching Power Adapters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SPU15A-101 Datasheet(HTML) 1 Page - Astrodyne Corporation

  SPU15A-101 Datasheet HTML 1Page - Astrodyne Corporation SPU15A-101 Datasheet HTML 2Page - Astrodyne Corporation SPU15A-101 Datasheet HTML 3Page - Astrodyne Corporation SPU15A-101 Datasheet HTML 4Page - Astrodyne Corporation SPU15A-101 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
15 Watt Desktop Switching Power Adapters
s p u 1 5 a / b / d series
WWW.asTROdYNE.COM
asTROdYNE usa: 1-800-823-8082
asTROdYNE EuROpE: 353 51 561060
asTROdYNE paCIFIC: 886-2-26983458
Universal 90-264VAC Input
3 Input Connection Options
Single Outputs from 3.3 to 48VDC
3000V Isolation
Splash Proof Case
Model Number
Output Watts
Output Voltage
Output amps
Total Regulation
*SPU15(A, B or D)-101
8.25
3.3V
2.5A
7%
*SPU15(A, B or D)-102
12
5V
2.4A
5%
*SPU15(A, B or D)-103
12
6V
2.0A
5%
*SPU15(A, B or D)-104
15
10V
1.5A
5%
*SPU15(A, B or D)-105
15
12V
1.25A
5%
*SPU15(A, B or D)-106
15
15V
1.0A
5%
*SPU15(A, B or D)-107
15
18V
0.83A
5%
*SPU15(A, B or D)-108
15
24V
0.62A
5%
*SPU15(A, B or D)-109
15
30V
0.5A
5%
*SPU15(A, B or D)-110
15
36V
0.41A
3%
*SPU15(A, B or D)-111
15
48V
0.31A
3%
* Note:
The Asterisk
* denotes a choice of AC input connectors (A, B or D option). Please see Mechanical Dimensions. If not denoted,
option “A” IEC-320-C14 connector is used.
Low cost 3 Wire IEC320/C13 (Part Number ACCRD-C13) and 2 Wire IEC320/C7 (Part Number ACCRD-C7) Input Power Cords
are available for these products. Inquire to the Astrodyne Sales Depart.
Option “a”
Option “b”
Option “d”
3.6” x 1.5” x 1.4”


Similar Part No. - SPU15A-101

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SPU15A-101 VOLGEN-SPU15A-101 Datasheet
392Kb / 2P
   15W Desk Top Switching Power Supplies For I.T.E.
More results

Similar Description - SPU15A-101

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SPU130 ASTRODYNE-SPU130 Datasheet
571Kb / 3P
   130 Watt Desktop Switching Power Adapters
SPU24 ASTRODYNE-SPU24 Datasheet
994Kb / 3P
   24 Watt Desktop Switching Power Adapters
SPU45 ASTRODYNE-SPU45 Datasheet
1Mb / 4P
   45 Watt Desktop Switching Power Adapters
SPU50 ASTRODYNE-SPU50 Datasheet
1Mb / 3P
   40-60 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
PUP60 TRUMPOWER-PUP60 Datasheet
177Kb / 2P
   60-130 WATT DESKTOP POWER ADAPTERS
3C-05-25 TRUMPOWER-3C-05-25 Datasheet
23Kb / 1P
   14 to 60 Watt Desktop Power Adapters
TRA42 TRUMPOWER-TRA42 Datasheet
77Kb / 1P
   42 Watt, 1-2 Output Desktop Power Adapters
TRM15 TRUMPOWER-TRM15_16 Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
TRM15 TRUMPOWER-TRM15 Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
logo
Astrodyne Corporation
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com