Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-100-24 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # SP-100-24
Description  100W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SP-100-24 Datasheet(HTML) 2 Page - Astrodyne Corporation

  SP-100-24 Datasheet HTML 1Page - Astrodyne Corporation SP-100-24 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
s p - 1 0 0 series
100W Single Output with PFC Function
300 Myles standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COM
Mechanical�Specification
Derating�Curve
Output�Derating�VS�Input�Voltage
File�Name:SP-100-SPEC���2005-09-13
Case�No.�915A
Unit:mm
AMBIENT�TEMPERATURE�(
)
INPUT�VOLTAGE�(VAC)�60Hz
85
100
115
135
155
230
264
Ta=25
Terminal�pin�number�assignment�:
Pin�No.
Pin�No.
1
4,5
2
3
6,7
Assignment
Assignment
AC/L
AC/N
FG
DC�OUTPUT -V
DC�OUTPUT +V
10
10
20
20
40
45
50
55
55
60
60
70
(HORIZONTAL)
(VERTICAL)
20
40
60
80
100
-10
-10
0
0
Remote�ON/OFF(CN1):JST S2B-XH or�equivalent(optional)
Pin�No.
1
2
Assignment
Mating�Housing
JST XHP
or�equivalent
Terminal
JST SXH-001T-P0.6
or�equivalent
RC+
RC-
90
100
80
70
60
50
40
SP-100-12~48
SP-100-3.3~7.5
(With�18CFM�FAN)
SP-100-3.3
SP-100-5
SP-100-7.5
117
123
65
179
142
25
20
25
R.C.
+V ADJ.
60
5-M3�L=3mm
4
1
2
3
5
6
7
2-M4�L=5mm
25
LED
CN1
1
2
4-M4�L=6mm
15
100W�Single�Output�with�PFC�Function
S P - 1 0 0 series


Similar Part No. - SP-100-24

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-100-24 TOTAL-POWER-SP-100-24 Datasheet
340Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-100-24 MEANWELL-SP-100-24 Datasheet
293Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-100-24 RSG-SP-100-24 Datasheet
138Kb / 2P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-100-24 MEANWELL-SP-100-24 Datasheet
301Kb / 2P
   100W Single Output with PFC Function
SP-100-24 MEANWELL-SP-100-24 Datasheet
301Kb / 2P
   100W Single Output with PFC Function
More results

Similar Description - SP-100-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
EPP-100 MEANWELL-EPP-100 Datasheet
759Kb / 2P
   100W Single Output with PFC Function
SP-100 MEANWELL-SP-100 Datasheet
293Kb / 2P
   100W Single Output with PFC Function
LPP-100 MEANWELL-LPP-100_12 Datasheet
338Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
LPP-100-3.3 RSG-LPP-100-3.3 Datasheet
205Kb / 2P
   100W Single Output with PFC Function
logo
Astrodyne Corporation
SP100DRL ASTRODYNE-SP100DRL Datasheet
425Kb / 5P
   100W Single Output with PFC Function
LPP100 ASTRODYNE-LPP100 Datasheet
329Kb / 4P
   100W Single Output with PFC Function
logo
XP Power Limited
LPP-100-3.3 XPPOWER-LPP-100-3.3 Datasheet
614Kb / 4P
   100W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-100 MEANWELL-SP-100_10 Datasheet
301Kb / 2P
   100W Single Output with PFC Function
HRP-100 MEANWELL-HRP-100_11 Datasheet
329Kb / 2P
   100W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-100 RSG-SP-100 Datasheet
138Kb / 2P
   100W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com