Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAR5S19 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TAR5S19
Description  Point Regulators (Low-Dropout Regulator)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TAR5S19 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TAR5S19 Datasheet HTML 1Page - Toshiba Semiconductor TAR5S19 Datasheet HTML 2Page - Toshiba Semiconductor TAR5S19 Datasheet HTML 3Page - Toshiba Semiconductor TAR5S19 Datasheet HTML 4Page - Toshiba Semiconductor TAR5S19 Datasheet HTML 5Page - Toshiba Semiconductor TAR5S19 Datasheet HTML 6Page - Toshiba Semiconductor TAR5S19 Datasheet HTML 7Page - Toshiba Semiconductor TAR5S19 Datasheet HTML 8Page - Toshiba Semiconductor TAR5S19 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TAR5S15~TAR5S50
2007-11-01
4
Output Voltage Accuracy
(VIN = VOUT + 1 V, IOUT = 50 mA, CIN = 1 μF, COUT = 10 μF, CNOISE = 0.01 μF, Tj = 25°C)
Product No.
Symbol
Min
Typ.
Max
Unit
TAR5S15
1.44
1.5
1.56
TAR5S16
1.54
1.6
1.66
TAR5S17
1.64
1.7
1.76
TAR5S18
1.74
1.8
1.86
TAR5S19
1.84
1.9
1.96
TAR5S20
1.94
2.0
2.06
TAR5S21
2.04
2.1
2.16
TAR5S22
2.14
2.2
2.26
TAR5S23
2.24
2.3
2.36
TAR5S24
2.34
2.4
2.46
TAR5S25
2.43
2.5
2.57
TAR5S26
2.53
2.6
2.67
TAR5S27
2.63
2.7
2.77
TAR5S28
2.73
2.8
2.87
TAR5S29
2.83
2.9
2.97
TAR5S30
2.92
3.0
3.08
TAR5S31
3.02
3.1
3.18
TAR5S32
3.12
3.2
3.28
TAR5S33
3.21
3.3
3.39
TAR5S34
3.31
3.4
3.49
TAR5S35
3.41
3.5
3.59
TAR5S36
3.51
3.6
3.69
TAR5S37
3.6
3.7
3.8
TAR5S38
3.7
3.8
3.9
TAR5S39
3.8
3.9
4.0
TAR5S40
3.9
4.0
4.1
TAR5S41
3.99
4.1
4.21
TAR5S42
4.09
4.2
4.31
TAR5S43
4.19
4.3
4.41
TAR5S44
4.29
4.4
4.51
TAR5S45
4.38
4.5
4.62
TAR5S46
4.48
4.6
4.72
TAR5S47
4.58
4.7
4.82
TAR5S48
4.68
4.8
4.92
TAR5S49
4.77
4.9
5.03
TAR5S50
VOUT
4.87
5.0
5.13
V


Similar Part No. - TAR5S19

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR5S19U TOSHIBA-TAR5S19U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
More results

Similar Description - TAR5S19

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TAR5SB15 TOSHIBA-TAR5SB15 Datasheet
395Kb / 23P
   Point Regulators (Low-Dropout Regulator)
2014-03-01
TAR5S15 TOSHIBA-TAR5S15 Datasheet
625Kb / 22P
   Point Regulators (Low-Dropout Regulator)
TAR5S15U TOSHIBA-TAR5S15U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TCR5SB15U TOSHIBA-TCR5SB15U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
AiT Semiconductor Inc.
A6301 AITSEMI-A6301 Datasheet
638Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.2
A6301A AITSEMI-A6301A Datasheet
397Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com