Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-200D Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # SD-200D
Description  200W Single Output DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SD-200D Datasheet(HTML) 3 Page - Astrodyne Corporation

  SD-200D Datasheet HTML 1Page - Astrodyne Corporation SD-200D Datasheet HTML 2Page - Astrodyne Corporation SD-200D Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
s d - 2 0 0 series
200W Single Output DC-DC Converter
300 Myles standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTROdYNE.COM
Mechanical�Specification
Derating�Curve
File�Name:SD-200-SPEC���2005-05-10
Case�No.�912B�����Unit:mm
AMBIENT�TEMPERATURE�(
)
Terminal�pin�number�assignment�:
Pin�No.
Pin�No.
1
4,5,6
3
2
7,8,9
Assignment
Assignment
DC�INPUT V+
DC�OUTPUT V-
DC�INPUT V-
DC�OUTPUT V+
FG
100
10
0
20
40
60
80
-20
20
30
40
50
60
SD-200B,C,D-5
others
SD-200B-12
SD-200B-24
SD-200B-48
+V ADJ.
LED
4-M4�L=6mm
117.5
150
32.5
177.5
27.5
150
32.5
215
5-M3�L=3mm
4-M4�L=5mm
7
5
6
3
4
1
2
8
9
Static�Characteristics
B:19
C:36
D:72
24
48
96
36
72
144
Ta=25
90
100
80
70
60
50
40
INPUT�VOLTAGE�(V)
200W�Single�Output�DC-DC�Converter
S D - 2 0 0 series


Similar Part No. - SD-200D

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SD-200D MEANWELL-SD-200D Datasheet
522Kb / 3P
   200W Single Output DC-DC Converter
SD-200D MEANWELL-SD-200D Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
More results

Similar Description - SD-200D

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SD-200_1109 MEANWELL-SD-200_1109 Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
SD-200 MEANWELL-SD-200_10 Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD200 ASTRODYNE-SD200 Datasheet
778Kb / 3P
   200W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-200 MEANWELL-SD-200 Datasheet
522Kb / 3P
   200W Single Output DC-DC Converter
RSD-200 MEANWELL-RSD-200 Datasheet
288Kb / 7P
   200W Railway Single Output DC-DC Converter
RSD-200 MEANWELL-RSD-200_12 Datasheet
305Kb / 2P
   200W Railway Single Output DC-DC Converter
SKMW20 MEANWELL-SKMW20 Datasheet
106Kb / 4P
   200W DC-DC Regulated Converter
logo
PULS GmbH
QS10.241-60 PULS-QS10.241-60 Datasheet
765Kb / 27P
   24V, 200W, DC/DC CONVERTER
CP10.241-60 PULS-CP10.241-60 Datasheet
787Kb / 27P
   24V, 200W, DC/DC CONVERTER
logo
DENSEI-LAMBDA
PAH50S48 LAMBDA-PAH50S48 Datasheet
111Kb / 2P
   Single output 50W ~ 200W DC-DC power module?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com