Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA79008SB Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA79008SB
Description  Output Current of 1A, Three-Terminal Negative Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA79008SB Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA79008SB Datasheet HTML 1Page - Toshiba Semiconductor TA79008SB Datasheet HTML 2Page - Toshiba Semiconductor TA79008SB Datasheet HTML 3Page - Toshiba Semiconductor TA79008SB Datasheet HTML 4Page - Toshiba Semiconductor TA79008SB Datasheet HTML 5Page - Toshiba Semiconductor TA79008SB Datasheet HTML 6Page - Toshiba Semiconductor TA79008SB Datasheet HTML 7Page - Toshiba Semiconductor TA79008SB Datasheet HTML 8Page - Toshiba Semiconductor TA79008SB Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TA79005,06,07,08,09,10,12,15,18,20,24SB
2007-02-07
2
Equivalent Circuit
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
TA79005SB
TA79006SB
TA79007SB
TA79008SB
TA79009SB
TA79010SB
TA79012SB
TA79015SB
−35
TA79018SB
TA79020SB
Input voltage
TA79024SB
VIN
−40
V
Power dissipation
(Ta = 25°C)
PD
1.8
W
Operating temperature
Topr
−30~85
°C
Storage temperature
Tstg
−55~150
°C
Junction temperature
Tj
150
°C
Thermal resistance
Rth (j-a)
69.5
°C/W
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).


Similar Part No. - TA79008SB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA79008SB TOSHIBA-TA79008SB Datasheet
516Kb / 16P
   1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - TA79008SB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA79005S TOSHIBA-TA79005S Datasheet
516Kb / 16P
   1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM79L05A3 CYSTEKEC-LM79L05A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
PL79L05XA3 CYSTEKEC-PL79L05XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
logo
List of Unclassifed Man...
79600A ETC-79600A Datasheet
82Kb / 7P
   Three-Terminal Low Current Negative Voltage Regulators
79LXXA ETC1-79LXXA Datasheet
85Kb / 7P
   Three-Terminal Low Current Negative Voltage Regulators
logo
Cystech Electonics Corp...
PL79L12XA3 CYSTEKEC-PL79L12XA3 Datasheet
157Kb / 3P
   Three Terminal Low Current Negative Voltage Regulators
LM79L12A3 CYSTEKEC-LM79L12A3 Datasheet
231Kb / 4P
   Three Terminal Low Current Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com