Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QR0610T30 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part No. QR0610T30
Description  Fast Recovery Diode Module (100 Amp/600 Volts)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QR0610T30 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  QR0610T30 Datasheet HTML 1Page - Powerex Power Semiconductors QR0610T30 Datasheet HTML 2Page - Powerex Power Semiconductors QR0610T30 Datasheet HTML 3Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Preliminary
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Fast Recovery Diode Module
100 Amp/600 Volts
QR_0610T30
100 Amp/600 Volts
Absolute Maximum Ratings, TJ=25
°°°°C unless otherwise specified
Characteristics
Conditions
Symbol
QRD0610T30
QRC0610T30
QRF0610T30
Units
Repetitive Peak Reverse Blocking Voltage
-
VRRM
600
Volts
Non-Repetitive Peak Reverse Blocking Voltage
-
VRSM
VRRM + 100
Volts
Average Forward Current
180
° Conduction, Tc=25°C
IF(AV)
100
Amperes
Peak Half Cycle Non-Repetitive Surge Current
t = 8.3mS, 100%VRRM Reapplied
IFSM
600
Amperes
I
2t for Fusing for One Cycle
t = 8.3mS, 100%VRRM Reapplied
I
2t
1500
A
2sec
Operating Junction Temperature
-
TJ
-40 to 150
°C
Storage Temperature
-
TSTG
-40 to 150
°C
Maximum Mounting Torque, M6 Mounting Screw
-
-
26
In.-lb.
Maximum Terminal Torque, M6 Terminal Screw
-
-
26
In.-lb.
Module Weight (Typical)
-
-
220
Grams
V Isolation
60 Hz, circuit to base, all terminals
shorted, t = 1 sec
VRMS
3000
Volts
Electrical Characteristics, TJ=25
°°°°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max
Units
Peak Reverse Leakage Current
IRRM
Rated VRRM
-
-
1
mA
Peak On-State Voltage
VFM
IF=100A
-
-
2.8
Volts
Reverse Recovery Time
trr
IF = 100A, di/dt =
−200A/µs
-
-
110
ns
Reverse Recovery Charge
Qrr
IF = 100A, di/dt =
−200A/µs
-
0.27
-
µC
Thermal Characteristics, TJ=25
°°°°C unless otherwise specified
Characteristics
Symbol
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case
RΘJC
Per Diode
-
-
0.70
°C/Watt
Thermal Resistance, Case to Sink Lubricated
RΘCS
Per Module
-
-
0.04
°C/Watt


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
QR1210T30 Fast Recovery Diode Module 100 Amp/1200 Volts 1  2  3  Powerex Power Semiconductors
QR1410T30 Fast Recovery Diode Module 100 Amp/1400 Volts 1  2  3  Powerex Power Semiconductors
QR3310001 Fast Recovery Diode Module 100 Amp/3300 Volts 1  2  Powerex Power Semiconductors
QR3310002 Fast Recovery Diode Module 100 Amp/3300 Volts 1  2  Powerex Power Semiconductors
QRS0640T30 Fast Recovery Diode Module 400 Amp/600 Volts 1  2  3  Powerex Power Semiconductors
RM400HA-24S Super Fast Recovery Single Diode Module 400 Amperes/1200 Volts 1  2  3  4  Powerex Power Semiconductors
QRS0660T30 Fast Recovery Diode Module 600 Amp/600 Volts 1  2  3  Powerex Power Semiconductors
RM400HA-34S Super Fast Recovery Single Diode Module 400 Amperes/1700 Volts 1  2  3  4  Powerex Power Semiconductors
QRS1240T30 Fast Recovery Diode Module 400 Amp/1200 Volts 1  2  3  Powerex Power Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn