Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TA48018F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TA48018F
Description  1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48018F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA48018F_06 Datasheet HTML 1Page - Toshiba Semiconductor TA48018F_06 Datasheet HTML 2Page - Toshiba Semiconductor TA48018F_06 Datasheet HTML 3Page - Toshiba Semiconductor TA48018F_06 Datasheet HTML 4Page - Toshiba Semiconductor TA48018F_06 Datasheet HTML 5Page - Toshiba Semiconductor TA48018F_06 Datasheet HTML 6Page - Toshiba Semiconductor TA48018F_06 Datasheet HTML 7Page - Toshiba Semiconductor TA48018F_06 Datasheet HTML 8Page - Toshiba Semiconductor TA48018F_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TA48018,02,025,03,033,05F/S
2006-11-02
2
How to Order
Product No.
Package
Packing Type and Unit for Orders
(1) TA48**F
PW-MOLD: Straight-lead package
Loose in bag: 200 (1 bag)
(2) TA48**F (TE16L1, N)
PW-MOLD: Surface-mount package Embossed-tape packing: 2000 (1 tape)
(3) TA48**S
TO-220NIS
Loose in bag: 50 (1 bag)
Block Diagram
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Input voltage
VIN
16
V
Output current
IOUT
1
A
Operating temperature
Ta (opr)
−40~85
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55~150
°C
TA48**F
1
Power dissipation
(Ta = 25°C)
TA48**S
PD
2
W
TA48**F
10
Power dissipation
(Tc = 25°C)
TA48**S
PD
20
W
TA48**F
125
Thermal resistance
(junction to ambient)
TA48**S
Rth (j-a)
62.5
°C/W
TA48**F
12.5
Thermal resistance
(junction to case)
TA48**S
Rth (j-c)
6.25
°C/W
Note 1: External current and voltage ((including negative voltage) should not be applied to pins not specified.
Note 2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
1
IN
Overcurrent-
limiting circuit
2
OUT
3
GND
Overheating
detection circuit
Reference
voltage circuit
Constant
current circuit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn