Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT-65B Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # RT-65B
Description  65W Triple Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

RT-65B Datasheet(HTML) 2 Page - Astrodyne Corporation

  RT-65B Datasheet HTML 1Page - Astrodyne Corporation RT-65B Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
r t- 6 5 series
65W Triple Output Switching Power Supply
300 Myles Standish Blvd., taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AStrODYNE.COM
Mechanical�Specification
Derating�Curve
Case�No.�903�����Unit:mm
AMBIENT�TEMPERATURE�(
)
-25
-25
0
0
10
20
30
40
50
60
70
20
40
60
80
100
Terminal�Pin.�No Assignment
Pin�No.
Pin�No.
Pin�No.
1
4
3
2
8
7
6
5
Assignment
Assignment
Assignment
NC
DC�OUTPUT +V2
DC�OUTPUT V3
DC�OUTPUT +V1
DC�OUTPUT COM
FG
AC/N
AC/L
73.5
122.5
129
120
6.5
77
32
8
7
6
5
4
3
2
1
File�Name:RT-65-SPEC���2005-09-13
Output�Derating�VS�Input�Voltage
INPUT�VOLTAGE�(VAC)�60Hz
88
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
(VERTICAL)
3-M
3
4.5
3.5
65W Triple�Output�Switching�Power�Supply
R T- 6 5 series


Similar Part No. - RT-65B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RT-65B MEANWELL-RT-65B Datasheet
439Kb / 2P
   65W Triple Output Switching Power Supply
RT-65B MEANWELL-RT-65B Datasheet
446Kb / 2P
   65W Triple Output Switching Power Supply
RT-65B MEANWELL-RT-65B Datasheet
447Kb / 2P
   65W Triple Output Switching Power Supply
logo
Total Power Internation...
RT-65B TOTAL-POWER-RT-65B Datasheet
515Kb / 2P
   65W Triple Output Switching Power Supply
More results

Similar Description - RT-65B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PT65 ASTRODYNE-PT65 Datasheet
402Kb / 6P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RPT-65 MEANWELL-RPT-65_10 Datasheet
362Kb / 3P
   65W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
PT-65 RSG-PT-65 Datasheet
125Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
PT-65 MEANWELL-PT-65 Datasheet
429Kb / 2P
   65W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
RPT-65 RSG-RPT-65 Datasheet
258Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-65 MEANWELL-RT-65 Datasheet
439Kb / 2P
   65W Triple Output Switching Power Supply
logo
Astrodyne Corporation
RT65 ASTRODYNE-RT65 Datasheet
300Kb / 4P
   65W Triple Output Switching Power Supply
logo
Total Power Internation...
RT-65 TOTAL-POWER-RT-65 Datasheet
515Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-65 MEANWELL-RT-65_10 Datasheet
446Kb / 2P
   65W Triple Output Switching Power Supply
RPT-65 MEANWELL-RPT-65_11 Datasheet
362Kb / 3P
   65W Triple Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com