Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSP-1500-15 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # RSP-1500-15
Description  1500W Single Output Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

RSP-1500-15 Datasheet(HTML) 3 Page - Astrodyne Corporation

  RSP-1500-15 Datasheet HTML 1Page - Astrodyne Corporation RSP-1500-15 Datasheet HTML 2Page - Astrodyne Corporation RSP-1500-15 Datasheet HTML 3Page - Astrodyne Corporation RSP-1500-15 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
R s p - 1 5 0 0 series
1500W Single Output Power Supply
300 Myles standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COM
Function�Manual
1.Remote�ON/OFF
(1)Remote�ON/OFF�control�becomes�available�by�applying�voltage�in�CN1�&�CN2�&�CN3
(2)Table�1.1�shows�the�specification�of�Remote�ON/OFF�function
(3)Fig.1.2�shows�the�example�to�connect�Remote�ON/OFF�control�function
File�Name:RSP-1500-SPEC���2005-08-16
Table�1.1�Specification�of�Remote�ON/OFF
Fig.1.2�Examples�of�connecting�remote�ON/OFF
Connection�Method
SW�Logic
Output�on
SW�Open
SW�Open
SW�Open
Fig.�1.2(A)
Fig.�1.2(B)
Fig.�1.2(C)
Output�off
SW�Close
SW�Close
SW�Close
2.2K
AUX
RC1
12V�typ.
AUXG
150
RCG
RC2
SW
620
5V
150
RC2
12V�typ.
RCG
AUXG
2.2K
RC1
AUX
(A)Using�external�voltage�source
(B)Using�internal�12V�auxiliary�output
SW
150
RC2
12V�typ.
AUXG
SW
RCG
(C)Using�internal�12V�auxiliary�output
2.2K
RC1
AUX
Derating�Curve
Static�Characteristics
AMBIENT�TEMPERATURE�(
)
20
40
60
50
80
100
-20
0
10
20
30
40 45
50
60
70
INPUT�VOLTAGE�(V)�60Hz
100
90
80
70
60
Ta=25
90
100
120
140
150
160
180
200
220
240
264
+5V
+12V,+15V
Others
1500W�Single�Output�Power�Supply
R S P - 1 5 0 0 series


Similar Part No. - RSP-1500-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RSP-1500-15 MEANWELL-RSP-1500-15 Datasheet
1Mb / 4P
   1500W Single Output Power Supply
logo
RSG Electronic Componen...
RSP-1500-15 RSG-RSP-1500-15 Datasheet
168Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
RSP-1500-15 MEANWELL-RSP-1500-15 Datasheet
301Kb / 4P
   1500W Single Output Power Supply
RSP-1500-15 MEANWELL-RSP-1500-15 Datasheet
310Kb / 4P
   1500W Single Output Power Supply
More results

Similar Description - RSP-1500-15

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RSP-1500 RSG-RSP-1500 Datasheet
168Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SPV-1500 MEANWELL-SPV-1500_10 Datasheet
325Kb / 4P
   1500W Single Output Power Supply
SE-1500 MEANWELL-SE-1500_11 Datasheet
305Kb / 3P
   1500W Single Output Power Supply
SPV-1500 MEANWELL-SPV-1500_11 Datasheet
334Kb / 4P
   1500W Single Output Power Supply
logo
Astrodyne Corporation
RSP1500 ASTRODYNE-RSP1500 Datasheet
304Kb / 5P
   1500W Single Output Power Supply
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
SPV-1500 TOTAL-POWER-SPV-1500 Datasheet
338Kb / 4P
   1500W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-1500 MEANWELL-SE-1500_09 Datasheet
305Kb / 3P
   1500W Single Output Power Supply
RSP-1500_1112 MEANWELL-RSP-1500_1112 Datasheet
310Kb / 4P
   1500W Single Output Power Supply
RSP-1500 MEANWELL-RSP-1500 Datasheet
1Mb / 4P
   1500W Single Output Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com