Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REL150-4005 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # REL150-4005
Description  150 Watt Open Frame Switching Power Supply with PFC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

REL150-4005 Datasheet(HTML) 1 Page - Astrodyne Corporation

  REL150-4005 Datasheet HTML 1Page - Astrodyne Corporation REL150-4005 Datasheet HTML 2Page - Astrodyne Corporation REL150-4005 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
150 Watt Open Frame Switching Power Supply with PFC
R E L 1 5 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
150 Watts Output Power
Universal 85-265VAC Input
1, 2, 3, and 4 Outputs
Active Power Factor Correction
2.5VDC to 48VDC Outputs
Model Number
Output #1
Output #2
Output #3
Output #4
SINGLE OUTPUT
REL150-1001
2.5V/30A
REL150-1002
3.3V/30A
REL150-1003
5V/30A
REL150-1004
12V/12.5A
REL150-1005
15V/10A
REL150-1006
24V/6.3A
REL150-1007
28V/5.4A
REL150-1008
48V/3.1A
DUAL OUTPUT
REL150-2001
3.3V/15A
5V/8A
REL150-2002
5V/15A
12V/5A
REL150-2003
5V/15A
24V/3A
REL150-2004
12V/7.5A
-12V5A
REL150-2005
15V/5A
-15V/5A
TRIPLE OUTPUT
REL150-3001
5V/15A
12V/4A
-12V/3A
REL150-3002
5V/15A
15V/3A
-15V/2A
QUAD OUTPUT
REL150-4001
3.3V/15A
5V/8A
12V/2A
-12V/2A
REL150-4002
5V/15A
3.3V/8A
12V/2A
-12V/2A
REL150-4003
5V/15A
3.3V/8A
15V/2A
-15V/2A
REL150-4004
5V/15A
-5V/8A
12V/2A
-12V/2A
REL150-4005
5V/15A
-5V/8A
15V/2A
-15V/2A
REL150-4006
5V/15A
24V/3A
12V/2A
-12V/2A
REL150-4007
5V/15A
24V/3A
15V/2A
-15V/2A
Order On-Line!
astrodyne.com
6” x 3.83” x 1.32”
Medical Versions Available
Contact Factory


Similar Part No. - REL150-4005

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
REL150-4005 ASTRODYNE-REL150-4005 Datasheet
246Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
More results

Similar Description - REL150-4005

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
REL150 ASTRODYNE-REL150_16 Datasheet
246Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150 Datasheet
619Kb / 4P
   150 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150_16 Datasheet
705Kb / 6P
   150 Watt Open Frame Switching Power Supply with PFC
REL110 ASTRODYNE-REL110_16 Datasheet
249Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
REL70 ASTRODYNE-REL70_16 Datasheet
251Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
REL185 ASTRODYNE-REL185 Datasheet
458Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
REL70 ASTRODYNE-REL70 Datasheet
371Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
REL185 ASTRODYNE-REL185_16 Datasheet
302Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
REL110 ASTRODYNE-REL110 Datasheet
400Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
PMMK150 ASTRODYNE-PMMK150 Datasheet
639Kb / 4P
   Medical Grade 150 Watt Open Frame with PFC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com