Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REL110-4003 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # REL110-4003
Description  110 Watt Open Frame Switching Power Supply with PFC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

REL110-4003 Datasheet(HTML) 2 Page - Astrodyne Corporation

  REL110-4003 Datasheet HTML 1Page - Astrodyne Corporation REL110-4003 Datasheet HTML 2Page - Astrodyne Corporation REL110-4003 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
110 Watt Open Frame Switching Power Supply with PFC
R E L 11 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
INPUT SPECIFICATIONS
Input Voltage, Full Range:
85-264 VAC
Active PFC
>0.95@115VAC
Input Frequency
47-63Hz.
Inrush Current
30A @ 115VAC, typ 4
40A @ 230VAC, typ 4
Leakage Current
<300uA @ 240VAC
OUTPUT SPECIFICATIONS
Output Power
80W, Conv/110W Forced Air
Minimum Load Requirement
10%
Max Current (A, Peak)
See Model Selection Chart 7
Initial Accuracy
+/-1%, typ
Voltage Adjust
± 5%, typ
Load Regulation
± 1%, typ
Cross Regulation
+/-5%
Line Regulation
± 0.5%, typ
Temperature Coefficient
± 0.02%/°C
Ripple/Noise
100mV Pk-Pk, typ
Overvoltage Protection
110-150%, Type 2 & 3
Remote Sense (Singles Only)
250mV compensation
Hold Up/Start Up Times
16mS/4Sec, typ
Short Circuit Protection
Continuous 4
Current Limit
110-160% typ, Auto Recovery
GENERAL SPECIFICATIONS
Input-Output Isolation
3000VAC 5
Output-Ground Isolation
500VAC
Input-Ground Isolation
1500VAC
Efficiency (@ Full Load)
82%, typ
(or See Chart/Curve)
Safety
UL60950/EN60950 Approved
EMC
EN55022/B, EN61000-3-2,3/A
EN61000--4-2,3,4,5,6,8,11/Cr A
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
0 to +60 °C 4
Relative Humidity
10-95%, Description 4
Storage Temperature
-40 to +85 °C 4
MTBF
100KHrs
MIL-Std 217F
Shock & Vibration
To MIL-Std 810E
PHYSICAL SPECIFICATIONS
Dimensions
5”x3”x1.32”
Material Flammability
to UL94V-0
Construction
Open Frame
Weight
0.8lb
SPECIFICATION NOTES
1) All specifications typical @ 25°C, Nominal Line & Load, unless otherwise
noted.
2) O/P noise measured directly at pins/terminals with 0.1uFbypass, pk-pk @
20MHz bandwidth.
3) Ripple and Noise dependant upon output voltage as specified per particular
model.
4) These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed or implied.
5) Isolation for up to 1 minute duration.
6) No termination necessary with control pin to maintain constant “ON” operation
(if applicable to this model)
7) Max load (peak) specified for 10mS max, 20% duty cycle, minimum load on
all outputs
A Blue Number means see respective Specification
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


Similar Part No. - REL110-4003

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
REL110-4003 ASTRODYNE-REL110-4003 Datasheet
249Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
More results

Similar Description - REL110-4003

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
REL110 ASTRODYNE-REL110_16 Datasheet
249Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
REL150 ASTRODYNE-REL150_16 Datasheet
246Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
REL150 ASTRODYNE-REL150 Datasheet
407Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
REL70 ASTRODYNE-REL70_16 Datasheet
251Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150 Datasheet
619Kb / 4P
   150 Watt Open Frame Switching Power Supply with PFC
REL185 ASTRODYNE-REL185 Datasheet
458Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
REL70 ASTRODYNE-REL70 Datasheet
371Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150_16 Datasheet
705Kb / 6P
   150 Watt Open Frame Switching Power Supply with PFC
REL185 ASTRODYNE-REL185_16 Datasheet
302Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
logo
Total Power Internation...
TPS40-1 TOTAL-POWER-TPS40-1 Datasheet
102Kb / 3P
   40 WATT OPEN - FRAME SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com