Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P412025 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # P412025
Description  POW-R-BLOK Single Diode Isolated Module (2500 Amperes / Up to 2400 Volts)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

P412025 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  P412025 Datasheet HTML 1Page - Powerex Power Semiconductors P412025 Datasheet HTML 2Page - Powerex Power Semiconductors P412025 Datasheet HTML 3Page - Powerex Power Semiconductors P412025 Datasheet HTML 4Page - Powerex Power Semiconductors P412025 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PRELIMINARY
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Single Diode Isolated Module
2500 Amperes / Up to 2400 Volts
Electrical Characteristics, TJ=25
°°°°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Reverse Leakage Current
IRRM
Up to 2400V, TJ=125
° C
200
mA
Peak On-State Voltage
VFM
IFM=3000A, TJ=150
° C
1.00
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 150
° C, I = 15%IT(AV) to πIT(AV)
0.681
0.051
V
m
Threshold Voltage, High-level
Slope Resistance, High-level
V(TO)2
rT2
TJ = 150
° C, I = πIT(AV) to ITSM
0.681
0.051
V
m
VFM Coefficients, Full Range
TJ = 150
° C, I = 50A to 10kA
VFM = A+ B Ln I +C I + D Sqrt I
A =
B =
C =
D =
0.6245
1.68 E-02
6.74 E-05
-2.44 E-03
Typical Reverse Recovery Time
trr
TJ = 25
° C, Ifm = 3000A.
dIr/dt = 25 A/us, tp = 190 us
22
us
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
J-C
Per Module
0.024
° C/W
Thermal Impedance Coefficients
J-C
J-C= K1 (1-exp(-t/t1))
+ K2 (1-exp(-t/t2))
+ K3 (1-exp(-t/t3))
+ K4 (1-exp(-t/t4))
K1 = 4.05 E-04
K2 = 5.19 E-03
K3 = 1.63 E-02
K4 =2.13 E-03
t1 = 6.24 E-03
t2 = 2.46 E-01
t3 = 8.20
t4 = 35.3
Thermal Resistance, Case to Sink Lubricated
C-S
Per Module
0.009
° C/W
11/06/2002
PS41__25


Similar Part No. - P412025

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
P412 ATM-P412 Datasheet
122Kb / 1P
   2WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS
logo
Connor-Winfield Corpora...
P412-155.52 CONNOR-WINFIELD-P412-155.52 Datasheet
130Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
logo
List of Unclassifed Man...
P4121-AP120 ETC1-P4121-AP120 Datasheet
31Kb / 2P
   Incremental Encoders
P4121-AP192 ETC1-P4121-AP192 Datasheet
31Kb / 2P
   Incremental Encoders
P4121-AQ120 ETC1-P4121-AQ120 Datasheet
31Kb / 2P
   Incremental Encoders
More results

Similar Description - P412025

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS412425 POWEREX-PS412425 Datasheet
355Kb / 5P
   POW-R-BLOK Single Diode Isolated Module 2500 Amperes / Up to 2400 Volts
LS4160 POWEREX-LS4160 Datasheet
95Kb / 4P
   POW-R-BLOK Single Diode Isolated Module (600 Amperes / Up to 2400 Volts)
LD4160 POWEREX-LD4160 Datasheet
100Kb / 5P
   POW-R-BLOK Dual Diode Isolated Module (600 Amperes / Up to 2400 Volts)
PD4111 POWEREX-PD4111 Datasheet
88Kb / 5P
   POW-R-BLOK Dual Diode Isolated Module (1100 Amperes / Up to 2400 Volts)
PS432415 POWEREX-PS432415 Datasheet
277Kb / 5P
   POW-R-BLOK Single SCR Isolated Module 1500 Amperes / Up to 2400 Volts
QRD2412001 POWEREX-QRD2412001 Datasheet
58Kb / 4P
   POW-R-BLOK Dual DIODE Module (120 Amperes / Up to 2400 Volts)
PD4306 POWEREX-PD4306 Datasheet
99Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (600 Amperes / Up to 2400 Volts)
PS414020 POWEREX-PS414020 Datasheet
349Kb / 5P
   POW-R-BLOK Single Diode Isolated Module 2000 Amperes / Up to 4000 Volts
PS415014 POWEREX-PS415014 Datasheet
164Kb / 6P
   POW-R-BLOK Single Diode Isolated Module 1400 Amperes / Up to 5000 Volts
CD41 POWEREX-CD41 Datasheet
105Kb / 4P
   POW-R-BLOK Dual & Single Diode Isolated Module 100 Amperes / Up to 1600 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com