Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TA8210AHQ Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TA8210AHQ
Description  20W BTL × 2ch Audio Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TA8210AHQ Datasheet(HTML) 1 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TA8210AHQ/ALQ
2006-04-28
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8210AHQ,TA8210ALQ
20W BTL
× 2ch Audio Power Amplifier
The thermal resistance θj−T of TA8210AHQ, TA8210ALQ
package designed for low thermal resistance, has a high
efficiency of heat radiation.
The temperature rise of chip can be reduced, and the influence
from the degradation of the features due to the temperature rise
at the high output can also be reduced.
This stereo audio power IC, designed for car audio use, has two
built−in channels to reduce the characteristic difference between
L and R channels.
In addition, the functions of stand−by and muting, and a variety
of protection circuits are involved.
Features
• Low thermal resistance
: θj−T = 1.5°C / W (infinite heat sink)
• High power
: POUT (1) = 22W (typ.) / channel
(VCC = 14.4V, f = 1kHz, THD = 10%, RL = 4Ω)
POUT (2) = 19W (typ.) / channel
(VCC = 13.2V, f = 1kHz, THD = 10%, RL = 4Ω)
• Low distortion ratio: THD = 0.04% (typ.) (VCC = 13.2V, f = 1kHz, POUT = 1W, RL = 4Ω, GV = 50dB)
• Low noise: VNO = 0.30mVrms (typ.) (VCC = 13.2V, RL = 4Ω, GV 50dB, Rg = 0Ω, BW = 20Hz~20kHz)
• Built−in stand−by function (with pin(4) set at low, power is turned off.): ISB = 1µA (typ.)
• Built−in muting function (with pin(1) set at low, power is turned off.): V (mute) = 1V (typ.)
• Built−in various protection circuits
Protection circuits: Thermal shut down, Over voltage, Out→VCC short, Out→GND short and Out−Out short.
• Operating supply voltage: VCC = 9~18V
TA8210AHQ
TA8210ALQ
Weight
HZIP17-P-2.00: 9.8g (typ.)
HSIP17-P-2.00: 9.8g (typ.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn