Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TA8205AHQ Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. TA8205AHQ
Description  18W BTL × 2CH Audio Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TA8205AHQ Datasheet(HTML) 2 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TA8205AHQ/ALQ
2006-04-28
2
Block Diagram
TA8205AHQ, TA8205ALQ (GV = 50dB)
Cautions And Application Method
(description is made only on the single channel.)
1. Voltage gain adjustment
This IC has the amplifier construction as shown in Fig.1. The pre
−amp. Amp 1 is provided to the primary stage,
and the input voltage is amplified by the flat amps, amp 3 and amp 4 of each channel through the phase amp.
Amp 2.
Since the input offset is prevented by pre
−amp when VCC is set to on, this circuit can remarkably reduce the pop
noise.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn