Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21563 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PS21563
Description  Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21563 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PS21563 Datasheet HTML 1Page - Powerex Power Semiconductors PS21563 Datasheet HTML 2Page - Powerex Power Semiconductors PS21563 Datasheet HTML 3Page - Powerex Power Semiconductors PS21563 Datasheet HTML 4Page - Powerex Power Semiconductors PS21563 Datasheet HTML 5Page - Powerex Power Semiconductors PS21563 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Dual-In-Line Intelligent
Power Module
10 Amperes/600 Volts
PS21563
1
Description:
DIP and Mini DIP-IPMs are
intelligent power modules that
integrate power devices, drivers,
and protection circuitry in an ultra
compact dual-in-line transfer-mold
package for use in driving small
three phase motors. Use of 5th
generation IGBTs, DIP packaging,
and application specific HVICs
allow the designer to reduce
inverter size and overall design
time.
Features:
□ Compact Packages
□ Single Power Supply
□ Integrated HVICs
□ Direct Connection to CPU
Applications:
□ Washing Machines
□ Refrigerators
□ Air Conditioners
□ Small Servo Motors
□ Small Motor Control
Ordering Information:
PS21563 is a 600V, 10 Ampere
Mini DIP Intelligent Power
Module.
Dimensions
Inches
Millimeters
A
1.93
49.0
B
1.20
30.5
C
0.20
5.0
D
1.82
46.23
E
0.25
6.25
F
0.32
8.0
G
0.14
3.556
H
0.04
1.0
J
0.07
1.778
K
0.02
0.5
L
0.06
1.5
M
0.07 Min.
1.8 Min.
N
0.30
0.75
Dimensions
Inches
Millimeters
P
0.69
17.4
Q
0.02
0.5
R
0.41
10.5
S
0.05
1.2
T
0.05
1.25
U
0.10
2.5
V
0.30
7.62
W
0.16 Min.
4.0 Min.
X
1.20
30.48
Y
1.61
41.0
Z
1.65
42.0
AA
0.08 Dia.
2.0 Dia.
AB
0.13 Dia.
3.3 Dia.
Outline Drawing and Circuit Diagram
DUMMY
PINS
AA DEEP
(5 PLACES)
R
H
Q
U
T
S
W
Y
Q
M
L
E
F
F
E
E
K
H
G
P
P
35¡
N
X
HEATSINK
SIDE
AB
(2 PLACES)
D
V
J
C
Z
B
A
19 NC
17 NC
14 NC
11 NC
8 NC
2 NC
30 NC
31 P
29 NC
33 V
34 W
35 N
32 U
27 VNC
28 VN1
30
29
1
32
4
65
7
98
10
12 11
16
17
19 18
20
6 UP
5 NC
3 VUFB
26 CIN
24 FO
23 WN
22 VN
21 UN
25 CFO
20 VNO
7 VVFS
9 VVFB
10 VP1
12 VP
1 VUFS
4 VP1
16 VP1
15 VWFB
18 WP
13 VWFS
TERMINAL CODE
31
32
33
34
35
13
14
15
21
22
23
24
25
26
27
28


Similar Part No. - PS21563

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21563-P MITSUBISHI-PS21563-P Datasheet
645Kb / 2P
   Generation DIP and Mini-DIP-IPM
PS21563-P MITSUBISHI-PS21563-P Datasheet
133Kb / 9P
   AC100V~200V inverter drive for small power motor control
logo
Powerex Power Semicondu...
PS21563-PP POWEREX-PS21563-PP Datasheet
346Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
logo
Mitsubishi Electric Sem...
PS21563-SP MITSUBISHI-PS21563-SP Datasheet
645Kb / 2P
   Generation DIP and Mini-DIP-IPM
logo
Powerex Power Semicondu...
PS21563-SP POWEREX-PS21563-SP Datasheet
221Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
More results

Similar Description - PS21563

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21563-SP POWEREX-PS21563-SP Datasheet
221Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21563-PP POWEREX-PS21563-PP Datasheet
346Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21963 POWEREX-PS21963 Datasheet
365Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21353-G POWEREX-PS21353-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
PS21553-G POWEREX-PS21553-G Datasheet
73Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
PS21963-4 POWEREX-PS21963-4 Datasheet
974Kb / 10P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21564 POWEREX-PS21564 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21867-P POWEREX-PS21867-P Datasheet
266Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com