Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA7745P Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TA7745P
Description  3-Phase Full-Wave (Half-Wave) Brushless DC Motor Driver IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7745P Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TA7745P Datasheet HTML 1Page - Toshiba Semiconductor TA7745P Datasheet HTML 2Page - Toshiba Semiconductor TA7745P Datasheet HTML 3Page - Toshiba Semiconductor TA7745P Datasheet HTML 4Page - Toshiba Semiconductor TA7745P Datasheet HTML 5Page - Toshiba Semiconductor TA7745P Datasheet HTML 6Page - Toshiba Semiconductor TA7745P Datasheet HTML 7Page - Toshiba Semiconductor TA7745P Datasheet HTML 8Page - Toshiba Semiconductor TA7745P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TA7745P/PG/F/FG
2006-3-2
4
Electrical Characteristics (Unless otherwise specified, Ta = 25°C)
Characteristics
Symbol
Test
Cir−
cuit
Test Condition
Min
Typ.
Max
Unit
ICC1
VCC = 5 V, Output “OPEN”
0.5
1
3.0
ICC2
VCC = 9 V, Output “OPEN”
0.6
1.3
3.5
Supply current
ICC3
VCC = 12 V, Output “OPEN”
0.7
1.5
5.0
mA
VSL−1
IO = 0.1 A
0.12
0.3
La, Lb, Lc Side
VSL−2
IO = 0.5 A
0.5
1.0
Saturation
voltage
a, ℓb, ℓc Side
VSU
I= 1.0 mA
0.2
V
Sensitivity
VH
20
mV
Position
sensing input
Operating DC level
CMR−H
1
VCC−1.5
V
Diode forward voltage
VF
IF = 1 A
2.0
V
Forward
VFWD
Source current mode
3.9
VCC
Stop
VSTOP
No current flow
(Note)
1.8
2.6
Rotation control
input voltage
Reverse
VRVS
Sink current mode
0
0.9
V
Saturation voltage differential
(La, Lb, Lc Side)
∆VS
IO = 200 mA
50
mV
Leakage current
IL
V = 18 V
50
µA
Note:
The IC puts the motor in the stop mode even when pin 8 is open.
Applying VFWD to the pin puts the IC in the source mode. Applying VRVS puts the IC in the sink mode.
Applying VSTOP prevents a current flow.
TA7745P/PG
TA7745F/FG


Similar Part No. - TA7745P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7745P TOSHIBA-TA7745P Datasheet
264Kb / 8P
   DC MOTOR DRIVER
More results

Similar Description - TA7745P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8470AF TOSHIBA-TA8470AF_06 Datasheet
386Kb / 16P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8492P TOSHIBA-TA8492P_06 Datasheet
245Kb / 14P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA8492P TOSHIBA-TA8492P Datasheet
178Kb / 13P
   Three-Phase Full-Wave Brushless DC Motor Driver IC
TA7712P TOSHIBA-TA7712P_07 Datasheet
605Kb / 16P
   3-Phase, Full-Wave Brushless DC Motor Controller IC
TA8479F TOSHIBA-TA8479F Datasheet
621Kb / 19P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC FOR VIDEO CAMERA
logo
Panasonic Semiconductor
AN8480NSB PANASONIC-AN8480NSB Datasheet
65Kb / 6P
   3-phase full-wave motor driver IC
logo
Anpec Electronics Corop...
APX7320 ANPEC-APX7320 Datasheet
347Kb / 22P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322A ANPEC-APX9322A Datasheet
320Kb / 24P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com