Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA7522FG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA7522FG
Description  Dual Voltage Comparator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7522FG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA7522FG Datasheet HTML 1Page - Toshiba Semiconductor TA7522FG Datasheet HTML 2Page - Toshiba Semiconductor TA7522FG Datasheet HTML 3Page - Toshiba Semiconductor TA7522FG Datasheet HTML 4Page - Toshiba Semiconductor TA7522FG Datasheet HTML 5Page - Toshiba Semiconductor TA7522FG Datasheet HTML 6Page - Toshiba Semiconductor TA7522FG Datasheet HTML 7Page - Toshiba Semiconductor TA7522FG Datasheet HTML 8Page - Toshiba Semiconductor TA7522FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TA7522SG/FG
2007-04-04
1
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TA7522SG,TA7522FG
Dual Voltage Comparator
The TA7522SG is an easy-to-use IC incorporating two voltage
comparator circuits. Since one channel has an inverted-output
buffer, a CR oscillator can be easily built up.
The TA7522FG is in 8-pin dual inline package. The IC
incorporating two-circuit package. It does not contain an inverted
buffer output.
In addition, the TA7522SG/FG have a wide operating
temperature range that allows it to be used in a wide variety of
applications.
Features
• Two-circuit package
• High gain: 95dB (typ.)
• Single 3 V power supply for operation
• Inverted-output also available: TA7522SG only
• 0 V input causes action in the IC with a single power supply.
• Wide common-mode input range
• No latch-up
• Operating temperature range: −40 to 85°C
• Open-collector output
• SIP-9 pin (TA7522SG)
• SOP-8 pin (TA7522FG)
• Lead(Pb)-Free product
TA7522SG
TA7522FG
Weight
SIP9-P-2.54A: 0.92 g (typ.)
SOP8-P-225-1.27: 0.08 g (typ.)
About solderability, following conditions were confirmed
• Solderability
(1) Use of Sn-37Pb
solder Bath
· solder bath temperature
= 230°C
· dipping time
= 5 seconds
· the number of times
= once
· use of R-type flux
(2) Use of Sn-3.0Ag-0.5Cu
solder Bath
· solder bath temperature
= 245°C
· dipping time
= 5 seconds
· the number of times
= once
· use of R-type flux


Similar Part No. - TA7522FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7522F TOSHIBA-TA7522F Datasheet
143Kb / 4P
   DUAL VOLTAGE COMPARATOR
More results

Similar Description - TA7522FG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM219 PHILIPS-LM219 Datasheet
111Kb / 5P
   Dual voltage comparator
August 31, 1994
logo
AUK corp
S393P AUK-S393P_1 Datasheet
258Kb / 4P
   Dual Voltage Comparator
logo
Toshiba Semiconductor
TA7522S TOSHIBA-TA7522S Datasheet
201Kb / 6P
   DUAL VOLTAGE COMPARATOR
logo
Daewoo Semiconductor
DBL393 DAEWOO-DBL393 Datasheet
267Kb / 6P
   DUAL VOLTAGE COMPARATOR
logo
AUK corp
S393 AUK-S393 Datasheet
255Kb / 4P
   Dual Voltage Comparator
logo
Toshiba Semiconductor
TA7522F TOSHIBA-TA7522F Datasheet
143Kb / 4P
   DUAL VOLTAGE COMPARATOR
TA75W393FU TOSHIBA-TA75W393FU Datasheet
188Kb / 5P
   DUAL VOLTAGE COMPARATOR
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393 Datasheet
141Kb / 6P
   Dual Voltage Comparator
logo
AUK corp
S393P AUK-S393P Datasheet
262Kb / 3P
   Dual Voltage Comparator
S393 AUK-S393_1 Datasheet
255Kb / 4P
   Dual Voltage Comparator
logo
Austin Semiconductor
AS2111 AUSTIN-AS2111 Datasheet
527Kb / 7P
   Dual Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com