Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-45-48 Datasheet(PDF) 8 Page - Astrodyne Corporation

Part # PS-45-48
Description  45W Single Output Switching Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PS-45-48 Datasheet(HTML) 8 Page - Astrodyne Corporation

  PS-45-48 Datasheet HTML 1Page - Astrodyne Corporation PS-45-48 Datasheet HTML 2Page - Astrodyne Corporation PS-45-48 Datasheet HTML 3Page - Astrodyne Corporation PS-45-48 Datasheet HTML 4Page - Astrodyne Corporation PS-45-48 Datasheet HTML 5Page - Astrodyne Corporation PS-45-48 Datasheet HTML 6Page - Astrodyne Corporation PS-45-48 Datasheet HTML 7Page - Astrodyne Corporation PS-45-48 Datasheet HTML 8Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
p T- 4 5 0 3
45W Triple Output with 3.3V output
300 Myles standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COM
File�Name:PT-4503-SPEC���2005-09-13
Unit:mm
AMBIENT�TEMPERATURE�(
)
(HORIZONTAL)
Mechanical�Specification
Output�Derating
-10
0
10
20
30
40
50
60
20
40
60
80
100
5.6
2
1
115.8
127
CN1
F4A/250V
AC�FUSE
FG
M1
DC�Output�Connector�(CN2)�:�Molex�5273-08�or�equivalent
AC�Input�Connector�(CN1)�:�Molex�5277-02��or�equivalent
Pin�No.
1
2
Assignment
Mating�Housing
Molex�5195
Molex�5194
or�equivalent
or�equivalent
Terminal
AC/N
AC/L
Pin�No.
1,2
3,4,5
6
7,8
Assignment
+5V
COM
+V
+3.3V
Mating�Housing
Molex�5195
or�equivalent
Terminal
Molex�5194
or�equivalent
O.V.P.
CONTROL
+V
RECTIFIERS
&
ING
COM
+3.3V
DC/DC
CONNERTER
SWITCH-
POWER
FILTER
&
RECTIFIERS
O.L.P.
DETECTION
CIRCUIT
PWM
FILTER
&
RECTIFIERS
+5V
FILTER
FG
I/P
FILTER
EMI
Convection
Forced Air�(18CFM�min.)
1
1
2
2
INPUT�VOLTAGE�(V)�60Hz
Ta=25
4.0
60
4.2
4.6
4.4
5.2
5.0
4.8
25
50
150
100
200
250
300
80
120
100
180
200
160
140
220
260
240
9
10
11
7
8
6
12
+3.3V
+5V
+12V
+3.3V
+5V
+12V
Block�Diagram
fosc�:�65KHz
Static�Characteristics
45W Triple�Output�with�3.3V�output
P T- 4 5 0 3
CN2
4-
3.8
1
M2
2
4
3
7
8
6
5


Similar Part No. - PS-45-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PS-45-48 MEANWELL-PS-45-48 Datasheet
338Kb / 2P
   45W Single Output Switching Power Supply
logo
XP Power Limited
PS-45-48 XPPOWER-PS-45-48 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
PS-45-48 XPPOWER-PS-45-48 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
PS-45-48 RSG-PS-45-48 Datasheet
197Kb / 2P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-45-48 MEANWELL-PS-45-48 Datasheet
341Kb / 2P
   45W Single Output Switching Power Supply
More results

Similar Description - PS-45-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
EPS-45S MEANWELL-EPS-45S Datasheet
96Kb / 4P
   45W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS45 ASTRODYNE-PS45 Datasheet
322Kb / 4P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-45 MEANWELL-PS-45_11 Datasheet
341Kb / 2P
   45W Single Output Switching Power Supply
PS-45 MEANWELL-PS-45 Datasheet
338Kb / 2P
   45W Single Output Switching Power Supply
logo
RSG Electronic Componen...
PS-45 RSG-PS-45 Datasheet
197Kb / 2P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-45 MEANWELL-EPS-45_12 Datasheet
1Mb / 3P
   45W Single Output Switching Power Supply
EPS-45-5-C MEANWELL-EPS-45-5-C Datasheet
1Mb / 4P
   45W Single Output Switching Power Supply
EPS-45 MEANWELL-EPS-45_11 Datasheet
583Kb / 3P
   45W Single Output Switching Power Supply
PSD-45 MEANWELL-PSD-45_11 Datasheet
450Kb / 2P
   45W DC-DC Single Output Switching Power Supply
PT-45_1109 MEANWELL-PT-45_1109 Datasheet
343Kb / 2P
   45W Triple Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com