Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMMK150U Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # PMMK150U
Description  Medical Grade 150 Watt U-Channel with PFC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PMMK150U Datasheet(HTML) 2 Page - Astrodyne Corporation

  PMMK150U Datasheet HTML 1Page - Astrodyne Corporation PMMK150U Datasheet HTML 2Page - Astrodyne Corporation PMMK150U Datasheet HTML 3Page - Astrodyne Corporation PMMK150U Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Medical Grade 150 Watt U-Channel with PFC
P m m k 1 5 0 U series
WWW.ASTRODYNE.COm
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE EUROPE: 353 51 561060
ASTRODYNE PACIFIC: 886-2-26983458
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.
INPUT SPECIFICATIONS
Input Voltage Range
90-264 VAC
Frequency Range
47-63 Hz
Power Factor Correction
0.96 to 0.98
Inrush Current, typ:
30A @ 115VAC
60A @ 230VAC *
OUTPUT SPECIFICATIONS
Voltage and Current (Note 6)
See Selection Chart
Line Regulation (Note 8)
See Selection Chart
Load Regulation (10%-FL, Note 7)
Singles:
± 0.5%, typ
Duals:
±3/5%, typ
Preset Accuracy (Note 9)
±1%, typ
DC Voltage Adjust (typ)
±6%, typ
Temperature Coefficient
±0.05%/°C
Ripple/Noise (Notes 1, 3, 10)
See Selection Chart
Over Voltage Protection
Latching, Auto Recover after fault
condition is removed *
Short Circuit Protection
Latching, Auto Recover after fault
condition is removed *
Hold Up Time
20mS, typ (Nom I/P, FL)
GENERAL SPECIFICATIONS
Isolation (Note 4)
I/P-O/P: 4000VAC
I/P-Ground: 2000VAC
O/P-Ground: 500 VAC
Efficiency
75%, min.
Switching Frequency
67Khz, (fixed, typical)
Safety
UL,TUV, CB, CE
ENVIRONmENTAL SPECIFICATIONS
Oper. Temperature
-10 to +70°C
(See Derate Curve)
Storage Temperature
-25 to +85°C *
Relative Humidity
0% to +95%, non-cond *
EMC
EN55011 Class B
MTBF
270,000 Hrs
Mil Std 217, 25°C
PHYSICAL SPECIFICATIONS
Size
3.2” x 5.5” x 1.6”
Construction
U-Channel
Weight
0.75 lb, (340g)
NOTES
1. All measurements should be made directly at the terminals of the
power supply
2. All specifications typical @ 25°C, unless otherwise noted, at
nominal line and load.
3. Ripple and noise dependent upon output voltage as specified per
particular model.
4. Isolation for up to 1 minute duration.
5. Specified for free air convection cooling.
6. Minimum load is not required for proper operation.
7. Load Regulation is measured by change ±40% of measured
output load from 60% full load, with the other output set to 60% full
load.
8. Line Regulation measured from 90-264VAC. 100VAC minimum
required for full load start.
9. Preset Accuracy measured at nominal load, 120VAC input.
10. O/P Noise measured directly at the pins/terminals at nominal load,
0.1uF bypass and 47uF electrolytic, pk-pk @ 20MHz bandwidth.


Similar Part No. - PMMK150U

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMMK150 ASTRODYNE-PMMK150 Datasheet
639Kb / 4P
   Medical Grade 150 Watt Open Frame with PFC
PMMK150-D ASTRODYNE-PMMK150-D Datasheet
551Kb / 5P
   Medical Grade 150 Watt with DIN Rail mount and PFC
PMMK150D-A ASTRODYNE-PMMK150D-A Datasheet
639Kb / 4P
   Medical Grade 150 Watt Open Frame with PFC
PMMK150D-A ASTRODYNE-PMMK150D-A Datasheet
770Kb / 6P
   Medical Grade 150 Watt Open Frame with PFC
PMMK150D-AD ASTRODYNE-PMMK150D-AD Datasheet
551Kb / 5P
   Medical Grade 150 Watt with DIN Rail mount and PFC
More results

Similar Description - PMMK150U

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMMK150E ASTRODYNE-PMMK150E Datasheet
547Kb / 4P
   Medical Grade 150 Watt Enclosed with PFC
PMMK150 ASTRODYNE-PMMK150 Datasheet
639Kb / 4P
   Medical Grade 150 Watt Open Frame with PFC
PMMK150S ASTRODYNE-PMMK150S Datasheet
770Kb / 6P
   Medical Grade 150 Watt Open Frame with PFC
PMMK225U ASTRODYNE-PMMK225U Datasheet
499Kb / 4P
   Medical Grade 225 Watt U-Channel Power Supply with PFC
PMMK150-D ASTRODYNE-PMMK150-D Datasheet
551Kb / 5P
   Medical Grade 150 Watt with DIN Rail mount and PFC
PMK150U ASTRODYNE-PMK150U Datasheet
625Kb / 4P
   150 Watt U-Channel Switching Power Supply with PFC
PMMK450S ASTRODYNE-PMMK450S Datasheet
1Mb / 10P
   Medical 450 Watt Enclosed & U-Channel Power Supplies with PFC
PMMK225E ASTRODYNE-PMMK225E Datasheet
449Kb / 4P
   Medical Grade 225 Watt Enclosed Power Supply with PFC
PMK225U ASTRODYNE-PMK225U Datasheet
481Kb / 4P
   225 Watt U-Channel Switching Power Supply with PFC
PMMK320D ASTRODYNE-PMMK320D Datasheet
386Kb / 4P
   320 Watt Medical Grade DIN Rail Mount Power Supply with PFC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com