Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21542-G Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # PS21542-G
Description  Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21542-G Datasheet(HTML) 6 Page - Powerex Power Semiconductors

  PS21542-G Datasheet HTML 1Page - Powerex Power Semiconductors PS21542-G Datasheet HTML 2Page - Powerex Power Semiconductors PS21542-G Datasheet HTML 3Page - Powerex Power Semiconductors PS21542-G Datasheet HTML 4Page - Powerex Power Semiconductors PS21542-G Datasheet HTML 5Page - Powerex Power Semiconductors PS21542-G Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PS21542-G
Intellimod™ Module
Dual-In-Line Intelligent Power Module
5 Amperes/600 Volts
138
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
W
V
U
P
VN1
VNC
CIN
CFO
FO
WN
VN
UN
+VCC
LVIC
VUFS
+VCC
VUFB
VP1
UP
VVFS
+VCC
VVFB
VP1
VP
VWFS
+VCC
VWFB
VP1
WP
NC
+
C2
C1
C2
D1
R1
+
C2
C1
C2
D1
R1
+
C2
C1
C2
D1
R1
+15V
+
C2
C3
C4
N
RSF
CSF
+5V
C5
R2
C5
R2
C5
R2
C5 x 3
R2 x 3
R3
RSHUNT
This symbol indicates
connection to ground plane.
MOTOR
C7
C6
AC LINE
Component Selection:
Dsgn.
Typ. Value
Description
D1
1A, 600V
Boot strap supply diode – Ultra fast recovery
C1
1-100uF, 50V
Boot strap supply reservoir – Electrolytic, long life, low Impedance, 105
°C (Note 5)
C2
0.22-2.0uF, 50V
Local decoupling/High frequency noise filters – Multilayer ceramic (Note 8)
C3
10-100uF, 50V
Control power supply filter – Electrolytic, long life, low Impedance, 105
°C
C4
22nF, 50V
Fault lock-out timing capacitor – Multilayer ceramic (Note 4)
C5
100-1000pF, 50V
Input signal noise filter – Multilayer ceramic (Note 1)
C6
200-2000uF, 450V
Main DC bus filter capacitor – Electrolytic, long life, high ripple current, 105
°C
C7
0.1-0.22uF, 450V
Surge voltage suppression capacitor – Polyester/Polypropylene film (Note 9)
CSF
1000pF, 50V
Short circuit detection filter capacitor – Multilayer Ceramic (Note 6, Note 7)
RSF
1.8k ohm
Short circuit detection filter resistor (Note 6, Note 7)
RSHUNT
5-100mohm
Current sensing resistor – Non-inductive, temperature stable, tight tolerance (Note 10)
R1
1-100 ohm
Boot strap supply inrush limiting resistor (Note 5)
R2
4.7k ohm
Control input pull-up resistor (Note 1, Note 2)
R3
5.1k ohm
Fault output signal pull-up resistor (Note 3)
+
FAULT
LOGIC
INPUT SIGNAL
CONDITIONING
UV
PROT.
Notes:
1) To prevent input signal oscillations minimize wiring length to controller (~2cm). Additional RC filtering (C5 etc.) may be
required. If filtering is added be careful to maintain proper dead time. See application notes for details.
2) Internal HVIC provides high voltage level shifting allowing direct connection of all six driving signals to the controller.
3) FO output is an open collector type. This signal should be pulled high with 5.1k ohm resistor (R3).
4) C4 sets the fault output duration and lock-out time. C4
≈ 12.2E-6 x tFO, 22nF gives ~1.8ms
5) Boot strap supply component values must be adjusted depending on the PWM frequency and technique.
6) Wiring length associated with RSHUNT, RSF, CSF must be minimized to avoid improper operation of the OC function.
7) RSF, CSF set over current protection trip time. Recommend time constant is 1.5us-2.0us. See application notes.
8) Local decoupling/high frequency filter capacitors must be connected as close as possible to the modules pins.
9) The length of the DC link wiring between C6, C7, the DIP’s P terminal and the shunt must be minimized to prevent
excessive transient voltages. In particular C7 should be mounted as close to the DIP as possible.
10) Use high quality, tight tolorance current sensing resistor. Connect resistor as close as possible to the DIP’s
N terminal. Be careful to check for proper power rating. See application notes for calculation of resistance value.
Mini-DIP IPM Application Circuit (Shown Pins Up)


Similar Part No. - PS21542-G

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21553-G POWEREX-PS21553-G Datasheet
73Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
PS21562 POWEREX-PS21562 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
logo
Mitsubishi Electric Sem...
PS21562-P MITSUBISHI-PS21562-P Datasheet
645Kb / 2P
   Generation DIP and Mini-DIP-IPM
PS21562-P MITSUBISHI-PS21562-P Datasheet
133Kb / 9P
   AC100V~200V inverter drive for small power motor control.
More results

Similar Description - PS21542-G

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21352-G POWEREX-PS21352-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21562 POWEREX-PS21562 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21564 POWEREX-PS21564 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21563-SP POWEREX-PS21563-SP Datasheet
221Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21867-P POWEREX-PS21867-P Datasheet
266Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
PS21255-E POWEREX-PS21255-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 20 Amperes/600 Volts
PS21445-E POWEREX-PS21445-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (20 Amperes/600 Volts)
PS21563 POWEREX-PS21563 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com