Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OFM-0100 Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # OFM-0100
Description  10W Ultraminiature Open Frame Switching Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

OFM-0100 Datasheet(HTML) 4 Page - Astrodyne Corporation

  OFM-0100 Datasheet HTML 1Page - Astrodyne Corporation OFM-0100 Datasheet HTML 2Page - Astrodyne Corporation OFM-0100 Datasheet HTML 3Page - Astrodyne Corporation OFM-0100 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
10W Ultraminiature Open Frame Switching Power Supplies
O F M 1 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
OUTPUT DERATING CURVE
MECHANICAL DIMENSIONS
0
10
20
30
40
50
60
70
20
40
60
80
100
50
Ambient Temperature, °C
90
70
30
Pin #
Single Outputs Dual Outputs
1
AC Line
AC Line
2
AC Neutral
AC Neutral
6
+ Output
+Output
8
NC
Common
9
- Output
- Output
.070 (1.78)
.040 (1.02)
.150 (3.81)
.83 (21.0)
.491 (12.47)
.220 (5.50)
2.126 (54.00)
2.56 (65.00)
8
ACL
ACN
6
2
1
9
B2
B1
C2
C3
C11
D3
C8
L2
U1
C6
U2
C9
C5
D4
C4
L1
F1
(-)
(-)
(-)
(-)
(-)
(-)


Similar Part No. - OFM-0100

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
OFM-0100 ASTRODYNE-OFM-0100 Datasheet
316Kb / 5P
   10W Ultraminiature Open Frame Switching Power Supplies
More results

Similar Description - OFM-0100

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10_16 Datasheet
316Kb / 5P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10_16 Datasheet
366Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
ASL10 ASTRODYNE-ASL10 Datasheet
711Kb / 3P
   10W Ultraminiature Open Frame Global Switching Power Supplies
ASL10 ASTRODYNE-ASL10_16 Datasheet
678Kb / 3P
   10W Ultraminiature Open Frame Global Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
   60W Ultraminiature Open Frame Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
ASL40 ASTRODYNE-ASL40 Datasheet
726Kb / 4P
   40W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com