Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS-120 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # MPS-120
Description  120W 1~4 Output for Medical Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MPS-120 Datasheet(HTML) 1 Page - Astrodyne Corporation

  MPS-120 Datasheet HTML 1Page - Astrodyne Corporation MPS-120 Datasheet HTML 2Page - Astrodyne Corporation MPS-120 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
m p s / d / t / q - 1 2 0 series
120W 1~4 Output for Medical Type
300 myles standish Blvd., taunton, mA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AstROdYNE.COm
Specification
(Typ.)
(Typ.)
(Typ.)
AC�INPUT�VOLTAGE
AC�INPUT�CURRENT
INRUSH�CURRENT
SETUP,�RISE�TIME
HOLD-UP TIME
LEAKAGE�CURRENT
DC�OUTPUT ADJ.�RANGE
OVER�LOAD�PROTECTION
OVER�VOLTAGE�PROTECTION
POWER�GOOD�/�FAIL SIGNAL (OPTIONAL)
WORKING�TEMP.
WORKING�HUMIDITY
STORAGE�TEMP.,�HUMIDITY
90~264�VAC,�47~440Hz�/�127~370VDC.
Maximum�input�current�2.9A at�115VAC,�60Hz�or
1.7A at�230VAC,�60Hz�with�100%�output�load.
Inrush�current�is�less�than�22A at�115VAC�or�less�than
45A at�230VAC�under�cold�start�conditions.�Limiting
provided�by�internal�thermistors.
MPS-120:
800ms,�20ms�/�230VAC�at�full�load
2000ms,�50ms�/�115VAC�at�full�load
MPD,T,Q-120:500ms,�20ms�/�230VAC�at�full�load
1200ms,�50ms�/�115VAC�at�full�load
80ms�/�230VAC�at�full�load
16ms�/�115VAC�at�full�load
Leakage�current�is�less�than�180 A at�264VAC
DC�output�voltage�(or�Ch1�of�multiple�output�models)
can�be�adjusted�between�-5%~+10%�rated�output
voltage�by�potential�meter.
Fully�protected�against�short�circuit�and�output�overload.
The�hiccup�type�protection will�be�activated�at�110~150%
(For�MPD,T,Q-120),120~160%(For�MPS-120)�rated�load
and�recovers�automatically�after�fault�condition�is removed.
Provided�on�output�channel�1�only�at�115%~135%
rated�output�voltage.�(120%~140%�for�MPS-120-15/24/48).
Output�will�be�shut�down�when�this�protection�is�activated.
*�MPS-120-3.3�does�not�have�this�optional�function.
Whole�series�can�operate�from�-20~70
.�Please�refer
to�the�derating�curves.
20~90%�RH�non-condensing.
-40~+85
,�10~90%�RH
TTL logic�high�for�power�good�and TTL low�for
power�fail.�When�the�output�voltage�reaches�90%�of
rated�value,�a�+5V TTL signal�will�be�sent�out�with�a
10~500ms�delay; At�least�1ms�before�the�output
voltage�goes�below�90%�of�the�rated�value,�the TTL
signal�will�be�turned�off.
Compliance�Level
EN55011,�Class�B
EN55022,�Class�B
EN61000-3-2
EN61000-3-3
Compliance�Level
EN61000-4-2,
EN61000-4-2,
EN61000-4-3,
EN61000-4-4,
EN61000-4-5,
EN61000-4-6,
EN61000-4-8,
EN61000-4-11,
ENV50204,
Level�3,�8KV
Level�2,�4KV
Level�2,�3V/m
Level�3,�10V/m
Level�2,�1KV/5KHz
Level�3,�2KV/5KHz
Level�4,�2KV/Line-Line
4KV/Line-Earth
Level�2,�3Vrms/m
Level�3,�10Vrms/m
Level�2,�3A/m
Level�3,�10A/m
Compliance
Level�2,�3V/m,�900MHz
Level�3,�10A/m,�900MHz
1~4�Output�Medical Type
1 2 0 W��M e d i c a l series
Universal AC�input�/�Full�range
Low�leakage�current�<180 A
Protections:Short�circuit/Over�load/Over�voltage
UL2601-1�medical�safety approved
With�power�good�and�fail�signal�output�(Optional)
100%�full�load�burn-in�test
Fixed�switching�frequency�at�45KHz
3�years�warranty
Features
TEMP.�COEFFICIENT
VIBRATION
SAFETY STANDARDS
:
WITHSTAND�VOLTAGE
ISOLATION�RESISTANCE
EMI�COMPLIANCE
EMS�COMPLIANCE
MTBF
DIMENSION�(L*W*H)
PACKING
2G�of�acceleration,�vibrating�frequency�adjust�from�10Hz�~500Hz�within�a
10-minute�cycle.�6�testing�cycles�(60�minutes)�each�along�X, Y,�Z�axes.
Medical UL2601-1, TUV�EN60601-1�approved
Commercial�: Also�design�refer�to�UL60950-1, TUV�EN60950-1
4000VAC�between�input�and�output
1500VAC�between�input�and�F.G.
500VAC�between�output�and�F.G.
EMI�Specifications
EMS�Specification
ESD�air
ESD�contact
RF�field�susceptibility
EFT(Electrical�Fast Transient)/Burst
Lightning/Surge
Conducted�RF�susceptibility
Magnetic�field�immunity
Voltage�dip,�interruption
Digital�phone�carrier�immunity
262,100�hours�min.�at�full�load�and�25
of�ambient��temperature,
calculated�per�MIL-HDBK-217F.
177.8x107.95x35.5mm�or�7"x4.25"x1.4"
0.55Kg;�24pcs/14.5Kg/1.04CUFT
0.04%/
on�all�outputs�at�full�load�between�0~50
of�ambient�temperature.
>100M�Ohms�for�I/P-O/P,�I/P-FG,�O/P-FG�by�using�500VDC�test�voltage.
Conducted�&�Radiation
Harmonic�distortion
Voltage�flicker
File�Name:120W�MEDICAL-SPEC���2005-09-13


Similar Part No. - MPS-120

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MPS-120 MEANWELL-MPS-120 Datasheet
317Kb / 3P
   1~4 Output Medical Type
MPS-120-12 MEANWELL-MPS-120-12 Datasheet
281Kb / 3P
   1~4 Output Medical Type
logo
XP Power Limited
MPS-120-12 XPPOWER-MPS-120-12 Datasheet
290Kb / 3P
   1~4 Output Medical Type
logo
Mean Well Enterprises C...
MPS-120-12 MEANWELL-MPS-120-12 Datasheet
283Kb / 3P
   1~4 Output Medical Type
MPS-120-12 MEANWELL-MPS-120-12 Datasheet
283Kb / 3P
   1~4 Output Medical Type
More results

Similar Description - MPS-120

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPS-200 ASTRODYNE-MPS-200 Datasheet
439Kb / 4P
   200W 1~4 Output for Medical Type
MPS200 ASTRODYNE-MPS200 Datasheet
484Kb / 7P
   200W 1~4 Output for Medical Type
logo
Mean Well Enterprises C...
MPD-200 MEANWELL-MPD-200_10 Datasheet
325Kb / 4P
   1~4 Output Medical Type
MPQ-200 MEANWELL-MPQ-200 Datasheet
325Kb / 4P
   1~4 Output Medical Type
MPD-120 MEANWELL-MPD-120 Datasheet
281Kb / 3P
   1~4 Output Medical Type
MPT-200 MEANWELL-MPT-200 Datasheet
325Kb / 4P
   1~4 Output Medical Type
MPS-120 MEANWELL-MPS-120 Datasheet
317Kb / 3P
   1~4 Output Medical Type
MPT-120 MEANWELL-MPT-120 Datasheet
289Kb / 3P
   1~4 Output Medical Type
MPD-200 MEANWELL-MPD-200 Datasheet
323Kb / 4P
   1~4 Output Medical Type
MPD-120 MEANWELL-MPD-120_11 Datasheet
283Kb / 3P
   1~4 Output Medical Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com