Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8677A Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8677A
Description  1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8677A Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8677A Datasheet HTML 2Page - Maxim Integrated Products MAX8677A Datasheet HTML 3Page - Maxim Integrated Products MAX8677A Datasheet HTML 4Page - Maxim Integrated Products MAX8677A Datasheet HTML 5Page - Maxim Integrated Products MAX8677A Datasheet HTML 6Page - Maxim Integrated Products MAX8677A Datasheet HTML 7Page - Maxim Integrated Products MAX8677A Datasheet HTML 8Page - Maxim Integrated Products MAX8677A Datasheet HTML 9Page - Maxim Integrated Products MAX8677A Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
1.5A Dual-Input USB/AC Adapter Charger
and Smart Power Selector
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
SYS OUTPUT VOLTAGE
vs. USB VOLTAGE
VUSB (V)
48
56
7
23
1
4.2
4.4
4.8
4.6
5.0
5.2
4.0
0
VBAT = 4V
NO SYS LOAD
SYS OUTPUT VOLTAGE
vs. DC VOLTAGE
VDC (V)
10
414
8
612
2
4.4
4.6
5.0
4.8
5.2
5.4
4.0
4.2
0
VBAT = 4V
NO SYS LOAD
SYS OUTPUT VOLTAGE vs. SYS OUTPUT
CURRENT (USB AND DC DISCONNECTED)
1.5
0.5
2.0
1.0
ISYS (A)
3.9
4.0
4.1
4.3
4.2
4.4
4.5
3.6
3.8
3.7
0
VBAT = 4V
THE SLOPE OF THIS LINE
SHOWS THAT THE BAT-TO-SYS
RESISTANCE IS 40m
SYS OUTPUT VOLTAGE
vs. SYS OUTPUT CURRENT (DC)
2.0
2.5
1.0
0.5
3.0
1.5
ISYS (A)
4.3
4.7
5.1
5.5
3.5
3.9
0
VDC = 6V
VDC = 5V
VBAT = 4V
PEN1 = 1, PEN2 = X
CEN = 1
SYS OUTPUT VOLTAGE
vs. SYS OUTPUT CURRENT (USB)
2.0
2.5
1.0
0.5
3.0
1.5
ISYS (A)
4.1
4.5
4.3
4.9
4.7
5.1
3.5
3.9
3.7
0
VBAT = 4V
VUSB = 5V
PEN1 = X, PEN2 = 1
CEN = 1
100mA
500mA
VL OUTPUT VOLTAGE
vs. DC VOLTAGE
812
10
4
214
6
VDC (V)
1.5
2.0
3.0
2.5
3.5
0
1.0
0.5
0
IVL = 0mA
IVL = 10mA
NORMALIZED CHARGE CURRENT vs. AMBIENT
TEMPERATURE (LOW IC POWER DISSIPATION)
AMBIENT TEMPERATURE (
°C)
60
85
10
35
-15
0.9925
0.9975
0.9950
1.0000
1.0050
1.0025
1.0075
1.0100
0.9900
-40
VUSB = 5V, VBAT = 4V
BATTERY REGULATION VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
85
10
35
-15
4.185
4.195
4.190
4.200
4.205
4.180
-40
40ppm/
°C


Similar Part No. - MAX8677A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8677C MAXIM-MAX8677C Datasheet
360Kb / 21P
   1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Rev 0; 4/07
MAX8677CETG MAXIM-MAX8677CETG Datasheet
360Kb / 21P
   1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Rev 0; 4/07
More results

Similar Description - MAX8677A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8677C MAXIM-MAX8677C Datasheet
360Kb / 21P
   1.5A Dual-Input USB/AC Adapter Charger and Smart Power Selector
Rev 0; 4/07
MAX1874 MAXIM-MAX1874_V01 Datasheet
906Kb / 17P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
2007
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
logo
Maxim Integrated Produc...
MAX1874 MAXIM-MAX1874 Datasheet
405Kb / 16P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
Rev 0; 7/03
MAX8934G MAXIM-MAX8934G Datasheet
2Mb / 29P
   Dual-Input Linear Charger, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 0; 6/10
MAX8934A MAXIM-MAX8934A_V01 Datasheet
1Mb / 32P
   Dual-Input Linear Chargers, Smart Power Selector
2014
MAX77301 MAXIM-MAX77301_V01 Datasheet
1Mb / 67P
   JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection, and USB Enumeration
2021
MAX14667 MAXIM-MAX14667 Datasheet
558Kb / 9P
   Dual USB Charger Adapter Emulator
Rev 0; 6/13
logo
Renesas Technology Corp
R2J20053NS RENESAS-R2J20053NS_15 Datasheet
327Kb / 20P
   AC adaptor / USB input selector & Li-ion/Ni-MH battery charger
logo
Maxim Integrated Produc...
MAX8895V MAXIM-MAX8895V Datasheet
4Mb / 45P
   Li-Ion Chargers with Smart Power Selector, Adapter Type Detection, and USB Enumeration
Rev 4 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com