Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA-30 Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # MMA-30
Description  30W Medical Grade Ultraminiature Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MMA-30 Datasheet(HTML) 4 Page - Astrodyne Corporation

  MMA-30 Datasheet HTML 1Page - Astrodyne Corporation MMA-30 Datasheet HTML 2Page - Astrodyne Corporation MMA-30 Datasheet HTML 3Page - Astrodyne Corporation MMA-30 Datasheet HTML 4Page - Astrodyne Corporation MMA-30 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
30W Medical Grade Ultraminiature Switching Power Supplies
M M A - 3 0 series
MECHANICAL DIMENSIONS - PCB MOUNT
Model
Dual
Dual
Type / Pin#
Single
Matched
5/12V
Triple
1
AC HI
AC HI
AC HI
AC HI
2
AC LO
AC LO
AC LO
AC LO
3
Ctrl
-Vout
Com
-Vout
4
No Pin
Ctrl
Ctrl
Ctrl
5
No Pin
No Pin
No Pin
+5 Ret
6
-Vout
Com
+5out
+/-Com
7
No Pin
No Pin
No Pin
+5Vout
8
+Vout
+Vout
+12Vout +Vout
SINGLE OUTPUT
DUAL/TRIPLE OUTPUT


Similar Part No. - MMA-30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMA-0204 VISHAY-MMA-0204 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA-0204 VISHAY-MMA-0204 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
logo
Vishay Telefunken
MMA-0204 TFUNK-MMA-0204 Datasheet
205Kb / 14P
   Professional Thin Film MELF Resistors
logo
Vishay Siliconix
MMA-0204-HF VISHAY-MMA-0204-HF Datasheet
150Kb / 11P
   High Frequency Thin Film MELF Resistors
Revision: 26-Oct-15
MMA-0204-VG03 VISHAY-MMA-0204-VG03 Datasheet
183Kb / 8P
   MELF Resistors with Established Reliability
Revision: 21-May-12
More results

Similar Description - MMA-30

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AHP3201 ASTRODYNE-AHP3201 Datasheet
652Kb / 5P
   30W Medical Grade Switching Power Supplies
ASM15 ASTRODYNE-ASM15 Datasheet
753Kb / 3P
   15W Ultraminiature Medical Grade Switching Power Supplies
ASM10 ASTRODYNE-ASM10_16 Datasheet
702Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
MMA-5 ASTRODYNE-MMA-5 Datasheet
926Kb / 5P
   5W Medical Grade Ultraminiature Switching Power Supplies
MMA-10 ASTRODYNE-MMA-10 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
ASM10 ASTRODYNE-ASM10 Datasheet
735Kb / 3P
   10W Ultraminiature Medical Grade Switching Power Supplies
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
   15W Medical Grade Ultraminiature Switching Power Supplies
MCA-30 ASTRODYNE-MCA-30 Datasheet
1Mb / 5P
   30W Ultraminiature Modular Switching Power Supplies
ECA30 ASTRODYNE-ECA30 Datasheet
424Kb / 6P
   30W Ultraminiature Encapsulated Switching Power Supplies
EFM30 ASTRODYNE-EFM30 Datasheet
563Kb / 5P
   30W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com