Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS-50-5 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # LPS-50-5
Description  50W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

LPS-50-5 Datasheet(HTML) 2 Page - Astrodyne Corporation

  LPS-50-5 Datasheet HTML 1Page - Astrodyne Corporation LPS-50-5 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
l p s - 5 0 series
50W Single Output Switching Power Supply
300 Myles standish Blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AsTRODYNE.COM
Block�Diagram
Mechanical�Specification
Derating�Curve
Static�Characteristics�(15V)
File�Name:LPS-50-SPEC���2005-09-13
Unit:mm
fosc�:�60KHz
AMBIENT�TEMPERATURE�(
)
INPUT�VOLTAGE�(V)�60Hz
60
90
100
120
140
160
180
200
220
240
260
300
21
250
18
200
15
150
12
100
9
50
6
25
3
Ta=25
-20
0
10
20
30
40
50
60
70
20
40
60
80
100
Convection
18CFM�Forced Air
1
1
2
2
DC�Output�Connector�(CN2)�:�JST B4P-VH�or�equivalent
Remote�ON/OFF�Connector(CN3):JST B2B-XH�or�equivalent
Pin�No.
Pin�No.
1,2
3,4
Assignment
Assignment
-V
+V
Mating�Housing
Mating�Housing
JST VHR
JST XHP
or�equivalent
or�equivalent
Terminal
Terminal
JST SVH-21T-P1.1
JST SXH-001T-P0.6
or�equivalent
or�equivalent
AC�Input�Connector�(CN1)�:�JST B5P-VH�or�equivalent
Pin�No.
1
3
5
2,4
Assignment
AC/L
AC/N
FG
No�Pin
Mating�Housing
JST VHR
JST SVH-21T-P1.1
or�equivalent
or�equivalent
Terminal
CONTROL
ING
-V
RC-
+V
RC+
RECTIFIERS
&
FILTER
SWITCH-
POWER
FILTER
&
RECTIFIERS
O.L.P.
O.V.P.
DETECTION
CIRCUIT
PWM
FG
I/P
FILTER
EMI
195
185
5
3
4
1
2
CN1
CN2
CN3
SVR1
LED
4-
3.8
3
4
2
1
1
2
1
2
RC+
RC-
L P S - 5 0 series
50W�Single�Output�Switching�Power�Supply


Similar Part No. - LPS-50-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPS-50-5 MEANWELL-LPS-50-5 Datasheet
218Kb / 2P
   50W Single Output Switching Power Supply
logo
XP Power Limited
LPS-50-5 XPPOWER-LPS-50-5 Datasheet
675Kb / 4P
   50W Single Output Switching Power Supply
logo
RSG Electronic Componen...
LPS-50-5 RSG-LPS-50-5 Datasheet
203Kb / 2P
   50W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
LPS-50-5 MEANWELL-LPS-50-5 Datasheet
221Kb / 2P
   50W Single Output Switching Power Supply
LPS-50-5 MEANWELL-LPS-50-5 Datasheet
220Kb / 2P
   50W Single Output Switching Power Supply
More results

Similar Description - LPS-50-5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
LPS50 ASTRODYNE-LPS50 Datasheet
314Kb / 4P
   50W Single Output Switching Power Supply
logo
Total Power Internation...
NES-50 TOTAL-POWER-NES-50 Datasheet
231Kb / 2P
   50W Single Output Switching Power Supply
logo
RSG Electronic Componen...
LPS-50 RSG-LPS-50 Datasheet
203Kb / 2P
   50W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
LPS-50 MEANWELL-LPS-50 Datasheet
218Kb / 2P
   50W Single Output Switching Power Supply
RS-50 MEANWELL-RS-50_11 Datasheet
234Kb / 2P
   50W Single Output Switching Power Supply
LPS-50 MEANWELL-LPS-50_10 Datasheet
221Kb / 2P
   50W Single Output Switching Power Supply
LPS-50_1108 MEANWELL-LPS-50_1108 Datasheet
220Kb / 2P
   50W Single Output Switching Power Supply
logo
XP Power Limited
LPS-50-3.3 XPPOWER-LPS-50-3.3 Datasheet
675Kb / 4P
   50W Single Output Switching Power Supply
logo
Astrodyne Corporation
RS-50 ASTRODYNE-RS-50 Datasheet
303Kb / 2P
   50W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-50_1108 MEANWELL-RS-50_1108 Datasheet
234Kb / 2P
   50W Single Output Switching Power Supply
S-50 MEANWELL-S-50 Datasheet
416Kb / 2P
   50W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com